Electronic Components Datasheet Search
  English  ▼

X  

PCA9561 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9561
Description  Quad 6-bit multiplexed I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9561 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9561 Datasheet HTML 2Page - NXP Semiconductors PCA9561 Datasheet HTML 3Page - NXP Semiconductors PCA9561 Datasheet HTML 4Page - NXP Semiconductors PCA9561 Datasheet HTML 5Page - NXP Semiconductors PCA9561 Datasheet HTML 6Page - NXP Semiconductors PCA9561 Datasheet HTML 7Page - NXP Semiconductors PCA9561 Datasheet HTML 8Page - NXP Semiconductors PCA9561 Datasheet HTML 9Page - NXP Semiconductors PCA9561 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9561
Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
6
EXTERNAL CONTROL SIGNALS
The Write Protect (WP) input is used to control the ability to write the content of the non-volatile registers. If the WP signal is logic 0, the I2C-bus
will be able to write the contents of the non-volatile registers. If the WP signal is logic 1, data will not be allowed to be written into the
non-volatile registers. In this case, the slave address and the command code will be acknowledged but the following data bytes will not be
acknowledged and the EEPROM is not updated.
The factory default for the contents of the non-volatile register are all logic 0. These stored values can be read or written using the I2C-bus
(described in the next section).
The WP, MUX_IN*, and MUX_SELECT signals have internal pull-up resistors. See the DC and AC Characteristics for hysteresis and signal
spike suppression figures.
Function Table1
WP
MUX_SELECT
COMMANDS
0
X
Write to the non-volatile registers through I2C-bus allowed
1
X
Write to the non-volatile registers through I2C-bus not allowed
X
0
MUX_OUT from EEPROM byte 0–3
(EEPROM selected through I2C – see Table 2)
X
1
MUX_OUT from MUX_IN inputs
NOTE:
1. This table is valid when not overridden by I2C control register.
POWER-ON RESET (POR)
When power is applied to VDD, an internal power-on reset holds the PCA9561 in a reset state until VDD has reached VPOR. At that point, the
reset condition is released and the PCA9561 volatile registers and state machine will initialize to their default states.
The MUX_OUT pin values depend on the MUX_SELECT logic level:
– if MUX_SELECT = 0, the MUX_OUT pin output values will equal the previously stored EEPROM byte 0 values regardless of the last
non-volative EEPROM byte selected by the command byte prior to power down.
– if MUX_SELECT = 1, the MUX_OUT output values will equal the MUX_IN pin input values as shown in the Function Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com