Electronic Components Datasheet Search
  English  ▼

X  

PCA9561 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9561
Description  Quad 6-bit multiplexed I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9561 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9561 Datasheet HTML 9Page - NXP Semiconductors PCA9561 Datasheet HTML 10Page - NXP Semiconductors PCA9561 Datasheet HTML 11Page - NXP Semiconductors PCA9561 Datasheet HTML 12Page - NXP Semiconductors PCA9561 Datasheet HTML 13Page - NXP Semiconductors PCA9561 Datasheet HTML 14Page - NXP Semiconductors PCA9561 Datasheet HTML 15Page - NXP Semiconductors PCA9561 Datasheet HTML 16Page - NXP Semiconductors PCA9561 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9561
Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
16
REVISION HISTORY
Rev
Date
Description
_3
20040517
Product data (9397 750 13153). Supersedes data of 2003 Jun 27 (9397 750 11677).
Modifications:
• Features section, 9th bullet: from “inputs” to “inputs/outputs”
• Absolute maximum ratings table: V
DD, VIN, and VOUT limits modified. Note 3 re-written.
• Recommended operating conditions
– VIH max. (on SCL, SDA) changed from 4.0 V to 5.5 V (with Note 1 added).
– VIH max. (on MUX_IN, MUX_SELECT_0, MUX_SELECT_1) changed from 4.0 V to 5.5 V (with Note 1
added).
• DC characteristics table
– Input SCL: Input/Output SDA; VIH parameter max. limit modified, and Note 1 added.
– Mux A
→ F: Symbols IIH and IIL : change the Unit from ‘mA’ to ‘µA’.
_2
20030627
Product data (9397 750 11677); ECN 853-2348 29936 dated 19 May 2003.
Supersedes data of 2002 May 24 (9397 750 09888).
_1
20020524
Product data (9397 750 09888); ECN 853-2348 28311 of 24 May 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com