Electronic Components Datasheet Search
  English  ▼

X  

PCA9564 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA9564 Datasheet HTML 21Page - NXP Semiconductors PCA9564 Datasheet HTML 22Page - NXP Semiconductors PCA9564 Datasheet HTML 23Page - NXP Semiconductors PCA9564 Datasheet HTML 24Page - NXP Semiconductors PCA9564 Datasheet HTML 25Page - NXP Semiconductors PCA9564 Datasheet HTML 26Page - NXP Semiconductors PCA9564 Datasheet HTML 27Page - NXP Semiconductors PCA9564 Datasheet HTML 28Page - NXP Semiconductors PCA9564 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
25
AC CHARACTERISTICS (2.5 VOLT) 1, 2, 3
VCC = 2.5 V ± 0.2 V, Tamb = –40 to +85 °C, unless otherwise specified. (See page 24 for 3.3 V.)
LIMITS
SYMBOL
PARAMETER
Min
Max
UNIT
Reset Timing (See Figure 19)
tWRES
Reset pulse width
10
—
ns
tRES4,5
Time to reset
250
—
ns
tREC
Reset recovery time
0
—
ns
Bus Timing (See Figure 20, 21)
tAS
A0–A1 setup time to RD, WR LOW
0
—
ns
tAH
A0–A hold time from RD, WR LOW
9
—
ns
tCS
CE setup time to RD, WR LOW
0
—
ns
tCH
CE Hold time from RD, WR LOW
0
—
ns
tRW
WR, RD pulse width (low time)
9
—
ns
tDD
Data valid after RD and CE LOW
—
22
ns
tDF
Data bus floating after RD or CE HIGH
—
17
ns
tDS
Data bus setup time before WR or CE HIGH (write cycle)
8
—
ns
tDH
Data hold time after WR HIGH
0
—
ns
tRWD
High time between read and/or write cycles
12
—
ns
NOTES:
1. Parameters are valid over specified temperature and voltage range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0 V and 3.0 V with a transition time of 5 ns
maximum. All time measurements are referenced at input voltages of 1.5 V and output voltages shown in Figures 20–21.
3. Test conditions for outputs: CL = 50 pF, RL = 500 Ω, except open drain outputs. Test conditions for open drain outputs: CL = 50 pF, RL = 1 kΩ
pullup to VDD.
4. Resetting the device while actively communicating on the bus may cause glitches or an errant STOP condition.
5. Upon reset, the full delay will be the sum of tRES and the RC time constant of the SDA and SCL bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com