Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 4 Page - Texas Instruments

  TPS2000C Datasheet HTML 1Page - Texas Instruments TPS2000C Datasheet HTML 2Page - Texas Instruments TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C
Unless otherwise noted:4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
0.5 A rated output
DBV
97
154
mΩ
DBV
96
154
1 A rated output
mΩ
RDS(ON) Input – output resistance
DGN
86
140
1.5 A rated output
DGN
69
112
mΩ
2 A rated output
DGN
72
112
mΩ
ENABLE INPUT (EN or EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.07
0.13
0.20
V
Leakage current
(VEN or VEN) = 0 V or 5.5 V
–
1
0
1
µ
A
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑ or EN ↓.
See Figure 2, Figure 4, and Figure 5
tON
Turnon time
ms
0.5A / 1A Rated
1
1.4
1.8
1.5A / 2A Rated
1.2
1.7
2.2
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓ or EN ↑.
See Figure 2, Figure 4, and Figure 5
tOFF
Turnoff time
ms
0.5A and 1A Rated
1.3
1.65
2
1.5A / 2A Rated
1.7
2.1
2.5
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tR
Rise time, output
0.5A / 1A Rated
0.4
0.55
0.7
ms
1.5A / 2A Rated
0.5
0.7
1.0
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tF
Fall time, output
0.5A / 1A Rated
0.25
0.35
0.45
ms
1.5A / 2A Rated
0.3
0.43
0.55
CURRENT LIMIT
0.5 A rated
0.65
0.85
1.05
output
1 A rated output
1.2
1.55
1.9
Current-limit,
IOS(2)
A
See Figure 8
1.5 A rated
1.6
2.15
2.7
output
2 A rated output
2.3
2.9
3.6
VIN = 5 V (see Figure 7),
One-half full load → RSHORT = 50 mΩ,
tIOS
Short-circuit response time(3)
2
µ
s
Measure from application to when current falls below
120% of final value
SUPPLY CURRENT
ISD
Supply current, switch disabled
0.01
10
µ
A
ISE
Supply current, switch enabled
65
90
µ
A
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, Measure IVOUT
0.2
20
µ
A
UNDERVOLTAGE LOCKOUT
VUVLO
Rising threshold
VIN↑
3.5
3.75
4
V
Hysteresis(3)
VIN↓
0.14
V
(1) Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2) See CURRENT LIMIT section for explanation of this parameter.
(3) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
4
Copyright © 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com