Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 5 Page - Texas Instruments

  TPS2000C Datasheet HTML 1Page - Texas Instruments TPS2000C Datasheet HTML 2Page - Texas Instruments TPS2000C Datasheet HTML 3Page - Texas Instruments TPS2000C Datasheet HTML 4Page - Texas Instruments TPS2000C Datasheet HTML 5Page - Texas Instruments TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
TPS20xxC
www.ti.com
SLVSAU6A –JUNE 2011–REVISED JULY 2011
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C (continued)
Unless otherwise noted:4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
Off-state leakage
VFLT = 5.5 V
1
µ
A
tFLT
FLT deglitch
FLT assertion/deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
VIN = 4 V, VOUT = 5.0 V, disabled
350
560
1200
RPD
Output pull-down resistance
Ω
VIN = 5 V, VOUT = 5.0 V, disabled
300
470
800
THERMAL SHUTDOWN
In current limit
135
Rising threshold (TJ)
Not in current limit
155
°
C
Hysteresis (4)
20
(4) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Figure 2. Output Rise / Fall Test Load
Figure 3. Power-On and Off Timing
Figure 4. Enable Timing, Active High Enable
Figure 5. Enable Timing, Active Low Enable
Figure 6. Output Short Circuit Parameters
Figure 7. Output Characteristic Showing Current Limit
Copyright © 2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com