Electronic Components Datasheet Search
  English  ▼

X  

TPS2000C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2000C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2000C Datasheet HTML 6Page - Texas Instruments TPS2000C Datasheet HTML 7Page - Texas Instruments TPS2000C Datasheet HTML 8Page - Texas Instruments TPS2000C Datasheet HTML 9Page - Texas Instruments TPS2000C Datasheet HTML 10Page - Texas Instruments TPS2000C Datasheet HTML 11Page - Texas Instruments TPS2000C Datasheet HTML 12Page - Texas Instruments TPS2000C Datasheet HTML 13Page - Texas Instruments TPS2000C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
−2m
0
2m 4m 6m 8m 10m 12m 14m 16m 18m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output
Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G017
−12.5m
−7.5m
−2.5m
2.5m
7.5m
12.5m
−4
−2
0
2
4
6
8
10
Output Voltage
FLT
EN
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Time (s)
Output Current
VIN = 5 V, COUT = 150 µF, RLOAD = 50 mΩ, TPS2069C
G018
8.8
8.9
9.0
9.1
9.2
9.3
−40 −20
0
20
40
60
80
100 120 140
Junction Temperature (°C)
All Versions, 5 V
G019
0
2
4
6
8
10
12
14
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
−40°C
25°C
85°C
125°C
Output Voltage (V)
VIN = 5 V
G020
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40 −20
0
20
40
60
80
100 120 140
0.5-A Rated
1-A Rated
1.5-A Rated
2-A Rated
Junction Temperature (°C)
VIN = 5 V
G021
−1
0
1
2
3
4
5
6
7
−40 −20
0
20
40
60
80
100 120 140
Junction Temperature (°C)
All Unit Types, 5 V
G022
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 25. TPS2069CDGN Enable into Short
Figure 26. TPS2069CDGN Pulsed Output Short
Figure 27. Deglitch Period (tFLT) vs Temperature
Figure 28. Output Discharge Current vs Output Voltage
Figure 29. Short Circuit Current (IOS) vs Temperature
Figure 30. Reverse Leakage Current (IREV) vs Temperature
10
Copyright © 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com