Electronic Components Datasheet Search
  English  ▼

X  

L6738TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 6Page - STMicroelectronics L6738TR Datasheet HTML 7Page - STMicroelectronics L6738TR Datasheet HTML 8Page - STMicroelectronics L6738TR Datasheet HTML 9Page - STMicroelectronics L6738TR Datasheet HTML 10Page - STMicroelectronics L6738TR Datasheet HTML 11Page - STMicroelectronics L6738TR Datasheet HTML 12Page - STMicroelectronics L6738TR Datasheet HTML 13Page - STMicroelectronics L6738TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Pin description and connection diagrams
L6738
10/32
Doc ID 18133 Rev 1
2.2
Thermal data
Table 3.
Thermal data
7SYNCH
Synchronization pin.
The controller synchronizes on the falling edge of a square wave provided to this pin.
Short to GND if not used. See
Section 7.1 for details.
8COMP
Error amplifier output.
Connect with an RF - CF to FB. The device cannot be disabled by grounding this pin.
9FB
Error amplifier inverting input.
Connect with a resistor RFB to VSEN and with an RF - CF to COMP.
10
VSEN
Output voltage monitor.
It manages OVP and UVP protections and PGOOD. Connect to the positive side of the
load for remote sensing. See
Section 6 for details.
11
FBG
Remote ground sense.
Connect to the negative side of the load for remote sensing.
12
CSN
Current sense negative input.
Connect to the output-side of the main inductor. Filter with 100 nF (Typ.) to GND.
13
CSP
Current sense positive input.
Connect through an R-C filter to the phase-side of the main inductor.
14
OSC / EN
OSC: Internally set to 1.24 V, it allows programming the switching frequency FSW of the
device. Switching frequency can be increased according to the resistor ROSC connected
to SGND with a gain of 10 kHz/µA (see
Section 7 for details). If floating, the switching
frequency is 200 kHz.
EN: Pull-low to disable the device (also protection latch reset).
15
VCC
Device Power Supply. The embedded bootstrap diode is internally connected to this pin.
Operative voltage is 5 V to 12 V bus. Filter with 1 mF MLCC to GND.
For proper operations, VCC needs to be >1.5 V higher than the programmed VOUT.
16
GND
All internal references, logic and driver return path are referenced to this pin. Connect to
the PCB GND ground plane and filter to VCC and VCCDR.
Thermal
PAD
The thermal pad connects the Silicon substrate and makes good thermal contact with the
PCB. Use VIAs to connect to the PGND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function
Symbol
Parameter
Value
Unit
RTHJA
Thermal resistance junction to ambient
(device soldered on 2s2p PC board)
45
°C/W
RTHJC
Thermal resistance junction to case
1
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com