Electronic Components Datasheet Search
  English  ▼

X  

L6738TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 20Page - STMicroelectronics L6738TR Datasheet HTML 21Page - STMicroelectronics L6738TR Datasheet HTML 22Page - STMicroelectronics L6738TR Datasheet HTML 23Page - STMicroelectronics L6738TR Datasheet HTML 24Page - STMicroelectronics L6738TR Datasheet HTML 25Page - STMicroelectronics L6738TR Datasheet HTML 26Page - STMicroelectronics L6738TR Datasheet HTML 27Page - STMicroelectronics L6738TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Application details
L6738
24/32
Doc ID 18133 Rev 1
a)
Set the gain RF/RFB in order to obtain the desired closed loop regulator bandwidth
according to the approximated formula (suggested values for RFB are in the range
of some k
Ω):
b)
Place FZ1 below FLC (typically 0.5*FLC):
c)
Place FP1 at FESR:
d)
Place FZ2 at FLC and FP2 at half of the switching frequency:
e)
Check that compensation network gain is lower than open loop EA gain before
F0dB
f)
Check phase margin obtained (it should be greater than 45°) and repeat if
necessary.
9.2
Layout guidelines
The L6738 provides control functions and high current integrated driver to implement high-
current step-down DC-DC converters. In this kind of application, a good layout is very
important.
The first priority when placing components for these applications has to be reserved to the
power section, minimizing the length of each connection and loop as much as possible. To
minimize noise and voltage spikes (EMI and losses) power connections (highlighted in
Figure 11) must be a part of a power plane and realized by wide and thick copper traces:
loop must be minimized. The critical components, i.e. the power MOSFETs, must be close
to one another. The use of a multi-layer printed circuit board is recommended.
The input capacitance (CIN), or at least a portion of the total capacitance needed, has to be
placed close to the power section in order to eliminate the stray inductance generated by the
copper traces. Low ESR and ESL capacitors are preferred, MLCCs are recommended to be
connected near the HS drain.
Use a proper number of VIAs when power traces have to move between different planes on
the PCB in order to reduce both parasitic resistance and inductance. Moreover, reproducing
the same high-current trace on more than one PCB layer reduces the parasitic resistance
associated to that connection.
R
F
R
FB
----------
F
0dB
F
LC
------------
∆V
OSC
V
IN
-------------------
⋅
=
C
F
1
π R
F
F
LC
⋅⋅
-----------------------------------
=
C
P
C
F
2
π R
F
C
F
F
ESR
1
–
⋅⋅
⋅
-------------------------------------------------------------------
=
R
S
R
FB
F
SW
2F
⋅
LC
-------------------- 1
–
------------------------------
=
C
S
1
π R
S
F
SW
⋅⋅
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com