Electronic Components Datasheet Search
  English  ▼

X  

L6738TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6738TR
Description  Single-phase PWM controller with light-load efficiency optimization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6738TR Datasheet HTML 12Page - STMicroelectronics L6738TR Datasheet HTML 13Page - STMicroelectronics L6738TR Datasheet HTML 14Page - STMicroelectronics L6738TR Datasheet HTML 15Page - STMicroelectronics L6738TR Datasheet HTML 16Page - STMicroelectronics L6738TR Datasheet HTML 17Page - STMicroelectronics L6738TR Datasheet HTML 18Page - STMicroelectronics L6738TR Datasheet HTML 19Page - STMicroelectronics L6738TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Output voltage setting and protections
L6738
16/32
Doc ID 18133 Rev 1
Table 6.
L6738 Protection at a glance.
6.1
Overcurrent
The overcurrent function protects the converter from a shorted output or overload, by
sensing the output current information across the inductor DCR. This method reduces cost
and enhances converter efficiency by avoiding the use of expensive and space-consuming
sense resistors.
The inductor DCR current sense is implemented by comparing and monitoring the
difference between the CSP and CSN pins. If the monitored voltage is bigger than the
internal thresholds, an overcurrent event is detected.
DCR current sensing requires time constant matching between the inductor and the reading
network:
The L6738 monitors the voltage between CSP and CSN, when this voltage exceeds the OC
threshold, an overcurrent is detected. The IC works in constant current mode, turning on the
low-side MOSFET immediately while the OC persists and, in any case, until the next clock
cycle. After seven consecutive OC events, overcurrent protection is triggered and the IC
latches.
When overcurrent protection is triggered, the device turns off both LS and HS MOSFETs in
a latched condition.
To recover from an overcurrent protection triggered condition, VCC power supply or EN
must be cycled.
For proper current reading, the CSN pin must be filtered by 100 nF (Typ.) MLCC to GND.
L6738
Comments
Overvoltage
(OV)
VSEN = +25 % above reference.
Action: IC Latch; LS=ON until VSEN = 50 % of Vref; PGOOD = GND.
Action (EN=0): IC Latch; LS=ON; reset by EN rising edge (PreOVP).
Undervoltage (UV)
VSEN = -25 % below reference.
Action: IC Latch; HiZ; PGOOD = GND.
Action (SS): SS reset (VIN Detection).
PGOOD
PGOOD is set to zero whenever VSEN falls outside the +/-25 % of Vref.
Action: PGOOD transition coincides with OV/UV protection set.
Overcurrent (OC)
Current Monitor across Inductor DCR.
Action: 1st Threshold (20 mV): IC latch after 7 consecutive constant current
events.
L
DCR
-------------
RC
V
CSP-CSN
DCR
I
OUT
⋅
=
⇒
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com