Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 48Page - Texas Instruments CC2520 Datasheet HTML 49Page - Texas Instruments CC2520 Datasheet HTML 50Page - Texas Instruments CC2520 Datasheet HTML 51Page - Texas Instruments CC2520 Datasheet HTML 52Page - Texas Instruments CC2520 Datasheet HTML 53Page - Texas Instruments CC2520 Datasheet HTML 54Page - Texas Instruments CC2520 Datasheet HTML 55Page - Texas Instruments CC2520 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
52
WWW.TI.COM
Byte 1
Byte2
Byte3
Byte4
Byte5
Byte6
Byte7
Byte8
Byte9
Mnemonic
Pin
765432107 6543210765432107654 3210765432107654321 0765432107654321076 543210
SNOP
SI
00000000
SO
ssssssss
IBUFLD
SI
00000010 iiiii iii
SO
sssssssssssss sss
SIBUFEX
SI
00000011
SO
ssssssss
SSAMPLECCA
SI
00000100
SO
ssssssss
SRES
SI
00001111 ----- ---
SO
sssssssssssss sss
MEMRD
SI
0001 aaaaaaaaa aaa --------...
SO
sssssssssssss sss dddddddd...
MEMWR
SI
0010 aaaaaaaaa aaadddddddd...
SO
sssssssssssss sss dddddddd...
RXBUF
SI
00110000 ----- ---...
SO
ssssssss ddddd ddd...
RXBUFCP
SI
001110000 000 a aaaaaaaaaaa ------- -...
SO
ssssssssccccc cccssssssss ddddddd d...
RXBUFMOV
SI
0011001 p ccccc ccc 0000 aaaaaaaaaaa a
SO
ssssssssccccc cccsssssssssssssss s
TXBUF
SI
00111010 ddddd ddddddddddd...
SO
ssssssssccccc cccssssssss...
TXBUFCP
SI
0011111 p ccccc ccc 0000 aaaaaaaaaaa a
SO
ssssssssccccc cccsssssssssssssss s
RANDOM
SI
00111100 ----- -----------...
SO
ssssssss ----- --- dddddddd...
SXOSCON
SI
01000000
SO
ssssssss
STXCAL
SI
01000001
SO
ssssssss
SRXON
SI
01000010
SO
ssssssss
STXON
SI
01000011
SO
ssssssss
STXONCCA
SI
01000100
SO
ssssssss
SRFOFF
SI
01000101
SO
ssssssss
SXOSCOFF
SI
01000110
SO
ssssssss
SFLUSHRX
SI
01000111
SO
ssssssss
SFLUSHTX
SI
01001000
SO
ssssssss
SACK
SI
01001001
SO
ssssssss
SACKPEND
SI
01001010
SO
ssssssss
SNACK
SI
01001011
SO
ssssssss
SRXMASKBITSET SI
01001100
SO
ssssssss
SRXMASKBITCLR SI
01001101
SO
ssssssss
RXMASKAND
SI
01001110 ddddd ddddddddddd
SO
sssssssssssss sssssssssss
RXMASKOR
SI
01001111 ddddd ddddddddddd
SO
sssssssssssss sssssssssss
MEMCP
SI
0101000 p ccccc ccc aaaaeeeeaaaaaaa aeeeeeeee
SO
sssssssssssss ssssssssssssssssss sssssssss
MEMCPR
SI
0101001 p ccccc ccc aaaaeeeeaaaaaaa aeeeeeeee
SO
sssssssssssss ssssssssssssssssss sssssssss
MEMXCP
SI
0101010 p ccccc ccc aaaaeeeeaaaaaaa aeeeeeeee
SO
sssssssssssss ssssssssssssssssss sssssssss
MEMXWR
SI
010101100 000 a aaaaaaaaaaaddddddd d...
SO
sssssssssssss sssssssssss ddddddd d...
BCLR
SI
01011000 aaaaa bbb
SO
sssssssssssss sss
BSET
SI
01011001 aaaaa bbb
SO
sssssssssssss sss
CTR / UCTR
SI
0110000 p kkkkk kkk 0 ccccccc nnnnnnn naaaaeeeeaaaaaaaaee eeeeee
SO
sssssssssssss ssssssssssssssssss sssssssssssssssssss ssssss
CBCMAC
SI
0110010 p kkkkk kkk 0 ccccccc aaaaeee eaaaaaaaaeeeeeeee 00000 m m m
SO
sssssssssssss ssssssssssssssssss sssssssssssssssssss ssssss
UCBCMAC
SI
0110011 p kkkkk kkk 0 ccccccc 0000 aaa aaaaaaaaa 00000 m m m
SO
sssssssssssss ssssssssssssssssss sssssssssssssssss
CCM
SI
0110100 p kkkkk kkk 0 ccccccc nnnnnnn naaaaeeeeaaaaaaaaee eeeeee 0 fffffff 0 0 0000 m m
SO
sssssssssssss ssssssssssssssssss sssssssssssssssssss sssssssssssssssssss sss
UCCM
SI
0110101 p kkkkk kkk 0 ccccccc nnnnnnn naaaaeeeeaaaaaaaaee eeeeee 0 fffffff 0 0 0000 m m
SO
sssssssssssss ssssssssssssssssss sssssssssssssssssss sssssssssssssssssss sss
ECB
SI
0111000 p kkkkk kkkcccc aaaaaaaaaaa a 0000 eeeeeeeeeeee
SO
sssssssssssss ssssssssssssssssss sssssssssssssssss
ECBO
SI
0111001 p kkkkk kkkcccc aaaaaaaaaaa a
SO
sssssssssssss ssssssssssssssssss s
ECBX
SI
0111010 p kkkkk kkkcccc aaaaaaaaaaa a 0000 eeeeeeeeeeee
SO
sssssssssssss ssssssssssssssssss sssssssssssssssss
INC
SI
0111100 p 0 0 c c a aaaaaaaaaaa
SO
sssssssssssss sssssssssss
ABORT
SI
011111110 00000 c c
SO
sssssssssssss sss
REGRD
SI
1 0 aaaaaa ----- ---...
SO
ssssssss ddddd ddd...
REGWR
SI
1 1 aaaaaaddddd ddd...
SO
ssssssss ddddd ddd...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com