Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 1 Page - Texas Instruments

  CC2520 Datasheet HTML 1Page - Texas Instruments CC2520 Datasheet HTML 2Page - Texas Instruments CC2520 Datasheet HTML 3Page - Texas Instruments CC2520 Datasheet HTML 4Page - Texas Instruments CC2520 Datasheet HTML 5Page - Texas Instruments CC2520 Datasheet HTML 6Page - Texas Instruments CC2520 Datasheet HTML 7Page - Texas Instruments CC2520 Datasheet HTML 8Page - Texas Instruments CC2520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers threto appear at the end of this datasheet.
ZigBee® is a registered trademark owned by ZigBee Alliance, Inc.
Copyright
© 2007, Texas Instruments Incorporated
WWW.TI.COM
1
APPLICATIONS
• IEEE 802.15.4 systems
• ZigBee® systems
• Industrial monitoring and control
• Home and building automation
• Automatic Meter Reading
• Low-power wireless sensor networks
• Set-top boxes and remote controls
• Consumer electronics
KEY FEATURES
• State-of-the-art selectivity/co-existence
Adjacent channel rejection: 49 dB
Alternate channel rejection: 54 dB
• Excellent link budget (103dB)
400 m Line-of-sight range
• Extended temp range (-40 to +125°C)
• Wide supply range: 1.8 V – 3.8 V
• Extensive IEEE 802.15.4 MAC hardware
support to offload the microcontroller
• AES-128 security module
• CC2420 interface compatibility mode
Low Power
• RX (receiving frame, -50 dBm) 18.5 mA
• TX 33.6 mA @ +5 dBm
• TX 25.8 mA @ 0 dBm
• <1µA in power down
General
• Clock output for single crystal systems
• RoHS compliant 5 x 5 mm QFN28 (RHD)
package
Radio
• IEEE 802.15.4 compliant DSSS baseband
modem with 250 kbps data rate
• Excellent receiver sensitivity (-98 dBm)
• Programmable output power up to +5 dBm
• RF frequency range 2394-2507 MHz
• Suitable for systems targeting compliance
with worldwide radio frequency
regulations: ETSI EN 300 328 and EN
300 440 class 2 (Europe), FCC CFR47 Part
15 (US) and ARIB STD-T66 (Japan)
Microcontroller Support
• Digital RSSI/LQI support
• Automatic clear channel assessment for
CSMA/CA
• Automatic CRC
• 768 bytes RAM for flexible buffering and
security processing
• Fully supported MAC security
• 4 wire SPI
• 6 configurable IO pins
• Interrupt generator
• Frame filtering and processing engine
• Random number generator
Development Tools
• Reference design
• IEEE 802.15.4 MAC software
• ZigBee® stack software
• Fully equipped development kit
• Packet sniffer support in hardware
DESCRIPTION
The CC2520 is TI's second generation ZigBee® /
IEEE 802.15.4 RF transceiver for the 2.4 GHz
unlicensed ISM band. This chip enables industrial
grade applications by offering state-of-the-art
selectivity/co-existence, excellent link budget,
operation up to 125°C and low voltage operation.
In
addition,
the
CC2520
provides
extensive
hardware
support
for
frame
handling,
data
buffering, burst transmissions, data encryption,
data authentication, clear channel assessment,
link
quality
indication
and
frame
timing
information. These features reduce the load on
the host controller.
In a typical system, the CC2520 will be used
together
with
a
microcontroller
and
a
few
additional passive components.
QFN28 (RHD) PACKAGE
TOP VIEW
1
2
3
4
5
6
7
15
16
17
18
19
20
21
SO
SI
CSn
GPIO5
GPIO4
GPIO3
GPIO2
CC2520
NC
AVDD2
RF_P
NC
RF_N
AVDD1
NC
AGND
exposed die
attached pad


Similar Part No. - CC2520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
CC2520 TI1-CC2520 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
ABC Taiwan Electronics ...
CC2520100K3 ABC-CC2520100K3 Datasheet
635Kb / 8P
WOUND CHIP INDUCTOR
More results

Similar Description - CC2520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com