Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 9Page - Texas Instruments CC2520 Datasheet HTML 10Page - Texas Instruments CC2520 Datasheet HTML 11Page - Texas Instruments CC2520 Datasheet HTML 12Page - Texas Instruments CC2520 Datasheet HTML 13Page - Texas Instruments CC2520 Datasheet HTML 14Page - Texas Instruments CC2520 Datasheet HTML 15Page - Texas Instruments CC2520 Datasheet HTML 16Page - Texas Instruments CC2520 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
CC2520 DATASHEET
2.4 GHZ IEEE 802.15.4/ZIGBEE® RF TRANSCEIVER
SWRS068 – DECEMBER 2007
WWW.TI.COM
13
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
25 MHz – 1 GHz (outside restricted bands)
-40
dBm
25 MHz – 1 GHz (within FCC restricted bands)
-53
dBm
47-74, 87.5-118, 174-230, 470-862 MHz (ETSI restricted bands)
-42
dBm
1800 MHz-1900 MHz (ETSI restricted band)
-56
dBm
5150 MHz-5300 MHz (ETSI restricted band)
-54
dBm
At 2483.5 MHz and above (FCC restricted band)
fc=2480 MHz, +5 dBm
-37
dBm
fc=2480 MHz, 0 dBm
-41
dBm
Largest spurious
emission at maximum
output power.
Texas Instruments CC2520
EM reference design
complies with EN 300 328,
EN 300 440, FCC CFR47
Part 15 and ARIB STDT-66.
Transmit on 2480 MHz
under FCC at +5 dBm is
supported by duty-cycling,
or by reducing output
power.
The peak conducted
spurious emission might
violate ETSI and FCC
restricted band limits at
frequencies below 1GHz.
All radiated spurious
emissions are within the
limits of ETSI/FCC/ARIB.
Applications that must pass
conducted requirements
are suggested to use a
simple 50 Ω high pass filter
between matching network
and RF connector.
At 2·RF and 3·RF (FCC restricted band)
-54
dBm
[2] requires max. 35%. Measured as defined by [2].
+5 dBm setting. fc =IEEE 802.15.4 channels
6
%
Error Vector Magnitude
(EVM)
0 dBm setting. fc =IEEE 802.15.4 channels
2
%
5.7
RSSI/CCA Parameters
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
RSSI range
100
dB
RSSI/CCA accuracy
+/-4
dB
RSSI/CCA offset
Real RSSI = Register value - offset
76
dB
LSB value
1
dB
5.8
FREQEST Parameters
TA =25°C, VDD=3.0 V, fc =2440 MHz if nothing else stated. All parameters measured on Texas Instruments’ CC2520 EM 2.1 reference design with 50 Ω load
.
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
FREQEST range
+/-300
kHz
FREQEST accuracy
+/-10
kHz
FREQEST offset
Real frequency offset = FREQEST value - offset
64
kHz
LSB value
7.8
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com