Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 4 Page - Texas Instruments

  INA282 Datasheet HTML 1Page - Texas Instruments INA282 Datasheet HTML 2Page - Texas Instruments INA282 Datasheet HTML 3Page - Texas Instruments INA282 Datasheet HTML 4Page - Texas Instruments INA282 Datasheet HTML 5Page - Texas Instruments INA282 Datasheet HTML 6Page - Texas Instruments INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
INA282, INA283
INA284, INA285
INA286
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
INA282, INA283,
INA284, INA285, INA286
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE OUTPUT(6)
RL = 10kΩ to GND
Swing to V+ Power-Supply Rail
V+ = 5V
(V+)–0.17
(V+)–0.4
V
Swing to GND
GND+0.015
GND+0.04
V
FREQUENCY RESPONSE
Effective Bandwidth(7)
BW
INA282
10
kHz
INA283
10
kHz
INA284
4
kHz
INA285
2
kHz
INA286
10
kHz
NOISE, RTI(8)
Voltage Noise Density
1kHz
110
nV/
√Hz
POWER SUPPLY
Specified Voltage Range
VS
+2.7
+18
V
Quiescent Current
IQ
600
900
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
(6)
See typical characteristic graphs Figure 29 through Figure 31.
(7)
See typical characteristic graph Figure 15 and the Effective Bandwidth section in the Applications Information.
(8)
RTI = referred-to-input.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com