Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 2 Page - Texas Instruments

  INA282 Datasheet HTML 1Page - Texas Instruments INA282 Datasheet HTML 2Page - Texas Instruments INA282 Datasheet HTML 3Page - Texas Instruments INA282 Datasheet HTML 4Page - Texas Instruments INA282 Datasheet HTML 5Page - Texas Instruments INA282 Datasheet HTML 6Page - Texas Instruments INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
INA282, INA283
INA284, INA285
INA286
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
PRODUCT
GAIN
PACKAGE
DESIGNATOR
MARKING
INA282
50V/V
SOIC-8
D
I282A
INA283(2)
200V/V
SOIC-8
D
I283A
INA284
500V/V
SOIC-8
D
I284A
INA285
1000V/V
SOIC-8
D
I285A
INA286
100V/V
SOIC-8
D
I286A
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or
refer to the device product folder at www.ti.com.
(2)
Shaded cells indicate a product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
INA282, INA283,
INA284, INA285, INA286
UNIT
Supply Voltage
+18
V
Differential (V+IN) – (V–IN)
(3)
–5 to +5
V
Analog Inputs,
V+IN, V–IN
(2)
Common-Mode
–14 to +80
V
Ref1, Ref2, Out
GND–0.3 to (V+) + 0.3
V
Input Current into Any Pin
5
mA
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
3000
V
ESD Ratings:
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
V+IN and V–IN are the voltages at the +IN and –IN pins, respectively.
(3)
Input voltages must not exceed common-mode rating.
THERMAL INFORMATION
INA282AID,
INA283AID,
INA284AID,
INA285AID,
THERMAL METRIC(1)
UNITS
INA286AID
D
8
qJA
Junction-to-ambient thermal resistance
134.9
qJCtop
Junction-to-case (top) thermal resistance
72.9
qJB
Junction-to-board thermal resistance
61.3
°C/W
yJT
Junction-to-top characterization parameter
18.9
yJB
Junction-to-board characterization parameter
54.3
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com