Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 3 Page - Texas Instruments

  INA282 Datasheet HTML 1Page - Texas Instruments INA282 Datasheet HTML 2Page - Texas Instruments INA282 Datasheet HTML 3Page - Texas Instruments INA282 Datasheet HTML 4Page - Texas Instruments INA282 Datasheet HTML 5Page - Texas Instruments INA282 Datasheet HTML 6Page - Texas Instruments INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
INA282, INA283,
INA284, INA285, INA286
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Offset Voltage, RTI(1)
VOS
VSENSE = 0mV
±20
±70
mV
vs Temperature
dVOS/dT
±0.3
±1.5
mV/°C
vs Power Supply
PSRR
VS = +2.7V to +18V, VSENSE = 0mV
3
mV/V
Common-Mode Input Range
VCM
–14
80
V
Common-Mode Rejection
CMRR
V+IN = –14V to +80V, VSENSE = 0mV
120
140
dB
Input Bias Current per Pin(2)
IB
VSENSE = 0mV
25
mA
Input Offset Current
IOS
VSENSE = 0mV
1
mA
Differential Input Impedance
6
k
Ω
REFERENCE INPUTS
Reference Input Gain
1
V/V
Reference Input Voltage Range(3)
0
VGND + 9
V
Divider Accuracy(4)
±0.2
±0.5
%
Reference Voltage Rejection Ratio
VREF1 = VREF2 = 40mV to 9V, V+ = 18V
INA282
±25
±75
mV/V
vs Temperature
0.055
mV/V/°C
INA283
±13
±30
mV/V
vs Temperature
0.040
mV/V/°C
INA284
±6
±25
mV/V
vs Temperature
0.015
mV/V/°C
INA285
±4
±10
mV/V
vs Temperature
0.010
mV/V/°C
INA286
±17
±45
mV/V
vs Temperature
0.040
mV/V/°C
GND + 0.5V
≤ VOUT ≤ (V+) – 0.5V;
GAIN(5)
VREF1 = VREF2 = (V+)/2 for all devices
Gain
G
INA282
V+ = +5V
50
V/V
INA283
V+ = +5V
200
V/V
INA284
V+ = +12V
500
V/V
INA285
V+ = +12V
1000
V/V
INA286
V+ = +5V
100
V/V
Gain Error
INA282, INA283, INA286
±0.4
±1.4
%
INA284, INA285
±0.4
±1.5
%
vs Temperature
0.0008
0.005
%/°C
OUTPUT
Nonlinearity Error
±0.01
%
Output Impedance
1.5
Ω
Maximum Capacitive Load
No sustained oscillation
1
nF
(1)
RTI = referred-to-input.
(2)
See typical characteristic graph Figure 20 .
(3)
The average of the voltage on pins REF1 and REF2 must be between VGND and the lesser of (VGND+9V) and V+.
(4)
Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 37.
(5)
See typical characteristic graph Figure 25.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com