Electronic Components Datasheet Search
  English  ▼

X  

SC1103 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1103
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1103 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1103 Datasheet HTML 1Page - Semtech Corporation SC1103 Datasheet HTML 2Page - Semtech Corporation SC1103 Datasheet HTML 3Page - Semtech Corporation SC1103 Datasheet HTML 4Page - Semtech Corporation SC1103 Datasheet HTML 5Page - Semtech Corporation SC1103 Datasheet HTML 6Page - Semtech Corporation SC1103 Datasheet HTML 7Page - Semtech Corporation SC1103 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SC1103
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
PRELIMINARY - February 29, 2000
5
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC1103 PWM
controller. High currents switching at 200kHz are pre-
sent in the application and their effect on ground plane
voltage differentials must be understood and mini-
mized.
1). The high power parts of the circuit should be laid
out first. A ground plane should be used, the number
and position of ground plane interruptions should be
such as to not unnecessarily compromise ground
plane integrity. Isolated or semi-isolated areas of the
ground plane may be deliberately introduced to con-
strain ground currents to particular areas, for example
the input capacitor and bottom Schottky ground.
2). The loop formed by the Input Capacitor(s) (Cin),
the Top FET (Q1) and the Schottky (D1) must be kept
as small as possible. This loop contains all the high
current, fast transition switching. Connections should
be as wide and as short as possible to minimize loop
inductance. Minimizing this loop area will reduce EMI,
lower ground injection currents, resulting in electrically
“cleaner” grounds for the rest of the system and mini-
mize source ringing, resulting in more reliable gate
switching signals.
3). The connection between the junction of Q1, D1
and the output inductor should be a wide trace or cop-
per region. It should be as short as practical. Since
this connection has fast voltage transitions, keeping
this connection short will minimize EMI. The connec-
tion between the output inductor and the sense resis-
tor should be a wide trace or copper area, there are no
fast voltage or current transitions in this connection
and length is not so important, however adding unnec-
essary impedance will reduce efficiency.
4) The Output Capacitor(s) (Cout) should be located
as close to the load as possible, fast transient load
currents are supplied by Cout only, and connections
between Cout and the load must be short, wide copper
areas to minimize inductance and resistance.
5) The SC1103 is best placed over an isolated ground
plane area. GND and PGND should be returned to this
isolated ground. This isolated ground area should be
connected to the main ground by a trace that runs
from the GND pin to the ground side of (one of) the
output capacitor(s). If this is not possible, the GND pin
may be connected to the ground path between the
Output Capacitor(s) and the Cin, Q1, D1 loop. Under
no circumstances should GND be returned to a ground
inside the Cin, Q1, D1 loop.
6) Vcc for the SC1103 should be supplied from the
VIN supply through a 10
Ω resistor, the Vcc pin should
Vout
12V
4uH
5mOhm
+
Cout
+
Cin
10
0.1uF
2.32k
1.00k
Q1
0.1uF
24V IN
Heavy lines indicate
high current paths.
D1
SC1103CS
GND
8
VCC
1
CS(-)
2
CS(+)
3
PGND
4
DH
5
BST
6
FB
7
Rb
Ra
Fig. 7 Layout diagram for the SC1103



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com