Electronic Components Datasheet Search
  English  ▼

X  

SC1103 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1103
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1103 Datasheet(HTML) 7 Page - Semtech Corporation

  SC1103 Datasheet HTML 1Page - Semtech Corporation SC1103 Datasheet HTML 2Page - Semtech Corporation SC1103 Datasheet HTML 3Page - Semtech Corporation SC1103 Datasheet HTML 4Page - Semtech Corporation SC1103 Datasheet HTML 5Page - Semtech Corporation SC1103 Datasheet HTML 6Page - Semtech Corporation SC1103 Datasheet HTML 7Page - Semtech Corporation SC1103 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC1103
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
PRELIMINARY - February 29, 2000
7
Fig. 9: 5V to 2.5V @ 4A with “flying capacitor” boost voltage.
TYPICAL APPLICATIONS (cont.)
Q1
Si4420DY
R4
2.7
R2
1k
D1
MBRD340
R1
10
L1
6.8uH
C7
1500/6.3V
C2
1500/6.3V
C4
0.1
R7
124
R6
124
C1
0.1
C5
0.01
+2.5V
+5V
GND
C8
0.1
R5
0.012
GND
VCC
1
Cs(-)
2
Cs(+)
3
PGND
4
DH
5
BST
6
FB
7
GND
8
U1
SC1103
C3
0.1
D2
LL42
C6
0.1
Fig. 10: 12V to 3.3V @ 10A with “flying capacitor” boost voltage.
Q1
IRL3103S
R4
2.7
R2
1k
D1
MBRB1530CT
R1
10
L1
5.6uH
C9
1500/6.3
C10
1500/6.3
C11
1500/6.3V
C3
820/16V
C2
820/16V
C4
820/16V
C6
0.1
R7
124
R6
205
C1
0.1
C7
0.01
Vout(+)
+12V
GND
C8
0.1
C12
0.1
R5
0.01
R3
1k
Vout(-)
VCC
1
Cs(-)
2
Cs(+)
3
PGND
4
DH
5
BST
6
FB
7
GND
8
U1
SC1103
C5
1.0
D2
LL42
3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com