Electronic Components Datasheet Search
  English  ▼

X  

SC1103 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1103
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1103 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1103 Datasheet HTML 1Page - Semtech Corporation SC1103 Datasheet HTML 2Page - Semtech Corporation SC1103 Datasheet HTML 3Page - Semtech Corporation SC1103 Datasheet HTML 4Page - Semtech Corporation SC1103 Datasheet HTML 5Page - Semtech Corporation SC1103 Datasheet HTML 6Page - Semtech Corporation SC1103 Datasheet HTML 7Page - Semtech Corporation SC1103 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SC1103
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
PRELIMINARY - February 29, 2000
6
be decoupled directly to GND by a 0.1
µF ceramic ca-
pacitor, trace lengths should be as short as possible.
7) The Current Sense resistor and the divider across it
should form as small a loop as possible, the traces run-
ning back to CS(+) and CS(-) on the SC1103 should
run parallel and close to each other. The 0.1µF capaci-
tor should be mounted as close to the CS(+) and CS(-)
pins as possible.
8) To minimize noise pickup at the sensitive FB pin,
the feedback resistors should both be close to the
SC1103 with the bottom resistor (Rb) returned to
ground at the GND pin.
Under Voltage Lockout
The under voltage lockout circuit of the SC1103 as-
sures that the high-side MOSFET driver outputs remain
in the off state whenever the supply voltage drops be-
low set parameters. Lockout occurs if V
CC falls below
3.8V. Normal operation resumes once V
CC rises above
3.8V.
Fig. 8: 5V to 3.3V @ 8A
TYPICAL APPLICATIONS
Q1
IRL3103S
R4
2.7
R2
1k
D1
MBRB1530CT
R1
10
L1
5.6uH
C9
1500/6.3
C10
1500/6.3
C11
1500/6.3V
C3
1500/6.3V
C2
1500/6.3V
C6
0.1
R7
124
R6
205
C1
0.1
C7
0.01
+3.3V
+5V
GND
C8
0.1
C12
0.1
R5
0.012
R3
1k
GND
VCC
1
Cs(-)
2
Cs(+)
3
PGND
4
DH
5
BST
6
FB
7
GND
8
U1
SC1103
C5
0.1
+12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com