Electronic Components Datasheet Search
  English  ▼

X  

SC1543 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1543
Description  400mA/200mA Dual 3.3V Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1543 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1543 Datasheet HTML 1Page - Semtech Corporation SC1543 Datasheet HTML 2Page - Semtech Corporation SC1543 Datasheet HTML 3Page - Semtech Corporation SC1543 Datasheet HTML 4Page - Semtech Corporation SC1543 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA/200mA Dual 3.3V Smart
Power Switch
SC1543
PRELIMINARY - October 9, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1543 provides a glitch free 3.3V output when
one of two 3.3V input sources is present. It does not
require external logic to sequence from one input
source to the other.
Whenever VIN1 exceeds a
predetermined threshold value the internal MOSFET
connects it’s source voltage to the output. If the input at
VIN1 is below the threshold another internal MOSFET
connects VIN2 to the output. If both inputs are at 3.3V
then VIN1 will be connected to the output.
The SC1543 is designed to provide 400mA from the
main input (VIN1) and 200mA from the secondary input
(VIN2). A very low quiescent current of 10µA in
shutdown mode reduces power dissipation.
The internal logic and control circuit detects the voltage
levels of VIN1 and VIN2, and compares them to an
input reference voltage of 2.9V. An internally controlled
period of switch overlap ensures that the transition
between supplies is as glitch-free as possible.
The SC1543 is available in an MSOP-8 surface mount
package.
FEATURES
•= Glitch free transitions between inputs
•= Internal logic selects appropriate input
•= 400mA load current capability from main input
•= Low power shutdown mode
•= Industrial temperature range
APPLICATIONS
•= Mini PCI cards
•= Peripheral cards
•= Instantly available personal computers (IAPCs)
ORDERING INFORMATION
Part Number
(1)
Package
SC1543IMSTR
MSOP-8
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
APPLICATION CIRCUIT
3.3V IN
3.3VAUX IN
3.3V OUT
SHUTDOWN
U1
SC1543
1
2
3
4
5
6
7
8
VIN1
VIN1
VIN2
VIN2
GND
VOUT
VOUT
SHDN
COUT
CIN2
CIN1
1uF
1uF
10uF


Similar Part No. - SC1543

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540A SEMTECH-SC1540A Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-1.8 SEMTECH-SC1540ACS-1.8 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-2.5 SEMTECH-SC1540ACS-2.5 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-3.3 SEMTECH-SC1540ACS-3.3 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
More results

Similar Description - SC1543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
Smart Power Switch
logo
California Micro Device...
CMPWR330 CALMIRCO-CMPWR330 Datasheet
132Kb / 8P
400mA SMARTOR Dual Regulator with V switch?
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G Datasheet
366Kb / 16P
Smart Dual Lowside Power Switch
V1.0 2002-11-14
BTS3410G INFINEON-BTS3410G Datasheet
320Kb / 11P
Smart Dual Lowside Power Switch
2004-03-05
logo
Texas Instruments
UC37132N TI1-UC37132N Datasheet
121Kb / 13P
Smart Power Switch
logo
Infineon Technologies A...
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
logo
ON Semiconductor
CMPWR025 ONSEMI-CMPWR025 Datasheet
366Kb / 8P
Dual Input Smart Power Switch
April, 2011 ??Rev. 4
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
Dual Channels Smart High-Side Power Switch
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
Dual Channels Smart High-Side Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
Smart Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com