Electronic Components Datasheet Search
  English  ▼

X  

SC1543 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1543
Description  400mA/200mA Dual 3.3V Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1543 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1543 Datasheet HTML 1Page - Semtech Corporation SC1543 Datasheet HTML 2Page - Semtech Corporation SC1543 Datasheet HTML 3Page - Semtech Corporation SC1543 Datasheet HTML 4Page - Semtech Corporation SC1543 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA/200mA Dual 3.3V Smart
Power Switch
SC1543
PRELIMINARY - October 9, 2000
3
ELECTRICAL CHARACTERISTICS
(1) (Cont.)
Unless specified, T
A = 25°C, SHDN = 0V, CO = 10µF, IO = 400mA (when power is being supplied from VIN1, 200mA when power is being sup-
plied from VIN2). Values in bold apply over full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max Units
SHDN
Input High Voltage
V
IH
1.8
V
Input Low Voltage
V
IL
0.4
V
Over Temperature Protection
High Trip Level
T
HI
165
°C
Hysteresis
T
HYS
20
°C
NOTES:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Guaranteed by design.
OUTPUT TRUTH TABLE
NOTES:
(1) See Electrical Characteristics for definition for V
TH.
Input Conditions
(1)
VOUT
VIN1 > V
TH
Connected to VIN1
VIN1 < V
TH
Connected to greater of VIN1 and VIN2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com