Electronic Components Datasheet Search
  English  ▼

X  

SC1543 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1543
Description  400mA/200mA Dual 3.3V Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1543 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1543 Datasheet HTML 1Page - Semtech Corporation SC1543 Datasheet HTML 2Page - Semtech Corporation SC1543 Datasheet HTML 3Page - Semtech Corporation SC1543 Datasheet HTML 4Page - Semtech Corporation SC1543 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA/200mA Dual 3.3V Smart
Power Switch
SC1543
PRELIMINARY - October 9, 2000
4
PIN CONFIGURATION
(MSOP-8)
Top View
BLOCK DIAGRAM
PIN DESCRIPTION
Pin
Pin Name
Pin Function
1,2
VIN1
Primary input supply, nominally 3.3V.
3,4
VIN2
Secondary input supply, nominally 3.3V.
5
GND
Power and logic ground.
6,7
VOUT
3.3V out.
8
SHDN
Shutdown, with internal pull-down. Device is OFF when this pin is High. Leave open if shut-
down feature is not required.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com