Electronic Components Datasheet Search
  English  ▼

X  

SC2422A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2422A
Description  BIPHASE CURRENT MODE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2422A Datasheet(HTML) 1 Page - Semtech Corporation

  SC2422A Datasheet HTML 1Page - Semtech Corporation SC2422A Datasheet HTML 2Page - Semtech Corporation SC2422A Datasheet HTML 3Page - Semtech Corporation SC2422A Datasheet HTML 4Page - Semtech Corporation SC2422A Datasheet HTML 5Page - Semtech Corporation SC2422A Datasheet HTML 6Page - Semtech Corporation SC2422A Datasheet HTML 7Page - Semtech Corporation SC2422A Datasheet HTML 8Page - Semtech Corporation SC2422A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SC2422A
BIPHASE CURRENT MODE
CONTROLLER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. RANGE (T
J)
SC2422ACS.TR
SO-16
0 - 125°C
SC2422A.EVB
Evaluation Board
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel con-
tains 1000 devices.
FEATURES
• Precision, pulse by pulse phase current match-
ing
• Active drooping allows for best transient response
• Input Sensing Current mode control
• Programmable DAC step size/offset allows
Compliance with VRM9.0, VRM8.3 or VRM8.4
• Externally programmable soft-start
• 5V or 12V input for next generation processors
• 0% minimum duty cycle improves transient re-
sponse
• Externally Programmable UVLO with hysteresis
• Cycle by cycle current limiting
• Programmable Internal Oscillator to 1 MHz
• VID IIIII Inhibit (No CPU)
APPLICATIONS
• Intel Advanced Microprocessors
• AMD AthlonTM power supplies
• Servers/Workstations, high density power supplies
TYPICAL APPLICATION SCHEMATIC
DESCRIPTION
The SC2422A biphase, current mode controller is de-
signed to work with Semtech smart synchronous
drivers, such as the SC1205, SC1305 or the SC1405 to
provide the DC/DC converter solution for the most
demanding Micro-processor applications. Input current
rather than output current sensing is used to guarantee
precision phase to phase current matching using a
single sense resistor on the input power line. Accurate
current sharing and pulse by pulse current limit are
implemented without the power loss and transient re-
sponse degradation associated with output current
sense methods. Two phase operation allows significant
reduction in input/output ripple while enhancing tran-
sient response.
The DAC step size and range are programmable with
external components thus allowing compliance with
new and emerging VID ranges.
A novel approach implements active droop, minimizing
output capacitor requirements during load transients.
This avoids the pitfalls of the passive droop implemen-
tation. This feature also allows easy implementation of
N+1 redundancy and current sharing among modules.
Programmable Under Voltage Lockout assures proper
start-up and shutdown by synchronizing the controller
to the driver supply. Wide PWM frequency range allows
use of low profile, surface mount components.
VIN
INPUT
Vout
VIN
Rf
Rref
Ri
SC1305
4
7
6
1
3
5
VDD
DRVH
PHASE
IN
VCC
DRVL
SC1305
4
7
6
1
3
5
VDD
DRVH
PHASE
IN
VCC
DRVL
Rsens
SC2422A
12
9
2
3
1
13
7
5
6
11
14
4
10
15
16
8
OUT2
GND
VID3
VID2
VID4
OUT1
FB
VID0
ERROUT
OC-
OC+
VID1
UVLO
BGOUT
VCC
RREF


Similar Part No. - SC2422A

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC242 VITALCONN-SC242 Datasheet
460Kb / 3P
SFP2*4 CAGECONN
More results

Similar Description - SC2422A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
List of Unclassifed Man...
AS384X ETC-AS384X Datasheet
155Kb / 20P
Current Mode Controller
AS2842 ETC-AS2842 Datasheet
94Kb / 20P
Current Mode Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Merrimac Industries, In...
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
BIPHASE MODULATORS
BTF-2A-500 MERRIMAC-BTF-2A-500 Datasheet
76Kb / 1P
BIPHASE MODULATOR
BTM-2A-250 MERRIMAC-BTM-2A-250 Datasheet
113Kb / 1P
BIPHASE MODULATOR
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com