Electronic Components Datasheet Search
  English  ▼

X  

SC2422A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2422A
Description  BIPHASE CURRENT MODE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2422A Datasheet(HTML) 3 Page - Semtech Corporation

  SC2422A Datasheet HTML 1Page - Semtech Corporation SC2422A Datasheet HTML 2Page - Semtech Corporation SC2422A Datasheet HTML 3Page - Semtech Corporation SC2422A Datasheet HTML 4Page - Semtech Corporation SC2422A Datasheet HTML 5Page - Semtech Corporation SC2422A Datasheet HTML 6Page - Semtech Corporation SC2422A Datasheet HTML 7Page - Semtech Corporation SC2422A Datasheet HTML 8Page - Semtech Corporation SC2422A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SC2422A
BIPHASE CURRENT MODE
CONTROLLER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
3
ELECTRICAL CHARACTERISTICS (Cont)
Unless specified: V
CC = +5V, TAMB = 25°C, RREF = 11.5kΩ.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense Amplifier
Amplifier Gain
(V
OC- - VOC+ ) < 100mV
26
dB
Input Offset Voltage,
Input Referred
(V
OC- - VOC+ ) < 100mV
4
mV
CMRR
V
ICM = 9 ~ 14V @ DC
80
dB
PSRR
V
CC = 9 ~ 14V @ DC
80
dB
Input Common Mode Range
V
CC +/-
0.3
Max Differential Signal/
Current Limit Threshold
V
OC- - VOC+
100
mV
I-Limit Delay
Current limit activation to OUT 1 & OUT
2 switching off
60
ns
Protection
UVLO Ramp-up Threshold
R
SOURCE UVLO pin = 20kΩ
1.475
V
UVLO Ramp-down Threshold
R
SOURCE UVLO pin = 20kΩ
1.375
V
Outputs (OUT 1, OUT 2)
Max Duty Cycle
Per phase, F
OSC = 500kHz
47
%
Duty Match
F
OSC = 500kHz
-.5
.5
%
Typical Output Voltage Swing
R
L = 10kΩ
.8
2.5
V
R
L = 100kΩ
.2
3.3
V
VID Logic Threshold
0.8
2
V
VID Logic Pin Bias Current
V
IN = 0
12
µA
Note:
1. If the VID pins are driven high by an external source (in contrast to being left open), then all VIDs input will need
to be externally pulled high. If VIDs are left open, no external pull-up is required.
2. This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com