Electronic Components Datasheet Search
  English  ▼

X  

SC2422A Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2422A
Description  BIPHASE CURRENT MODE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2422A Datasheet(HTML) 4 Page - Semtech Corporation

  SC2422A Datasheet HTML 1Page - Semtech Corporation SC2422A Datasheet HTML 2Page - Semtech Corporation SC2422A Datasheet HTML 3Page - Semtech Corporation SC2422A Datasheet HTML 4Page - Semtech Corporation SC2422A Datasheet HTML 5Page - Semtech Corporation SC2422A Datasheet HTML 6Page - Semtech Corporation SC2422A Datasheet HTML 7Page - Semtech Corporation SC2422A Datasheet HTML 8Page - Semtech Corporation SC2422A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC2422A
BIPHASE CURRENT MODE
CONTROLLER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
4
PIN CONFIGURATION
Top View
(16-Pin SOIC)
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
Pin 1: VID4 , MSB
Pin 2: VID3
Pin 3: VID2
Pin 4: VID 1
Pin 5: VID0 , LSB
Pin 6: ERROUT Error-amplifier output.
Pin 7: FB Error-amplifier inverting input.
Pin 8: RREF Frequency setting resistor pin. Also pro-
grams the DAC current step size. (see application in-
formation for programming the frequency)
Pin 9: GND Chip ground.
Pin 10: UVLO Programmable Under Voltage Lock-
Out. This pin may be connected to the MOSFET driver
supply through a voltage divider to inhibit the SC2422A
until the drivers are on. The UVLO comparator trip
point is 1.5V.
Pin 11: OC- Input current sense, negative input. This
pin is connected to the input supply side of the current
sense resistor.
Pin 12: OUT2 PWM output for phase 2. Drives exter-
nal Power MOSFET driver.
Pin 13: OUT1 PWM output for phase 1. Drives exter-
nal Power MOSFET driver.
Pin 14: OC+ Input current sense positive input. This
pin is connected to MOSFET side of the current sense
resistor.
Pin 15: BGOUT Soft start and reference. Bypass to
ground (GSEN) with a .022µF - 0.1µF capacitor to im-
plement soft start in conjunction with internal 3K
Ω re-
sistor. To ensure output voltage accuracy, the maxi-
mum current source/sink from this pin should be lim-
ited to 0.5 uA.
Pin 16: VCC Chip positive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com