Electronic Components Datasheet Search
  English  ▼

X  

UPS703 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UPS703
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS703 Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UPS703 Datasheet HTML 2Page - Unisonic Technologies UPS703 Datasheet HTML 3Page - Unisonic Technologies UPS703 Datasheet HTML 4Page - Unisonic Technologies UPS703 Datasheet HTML 5Page - Unisonic Technologies UPS703 Datasheet HTML 6Page - Unisonic Technologies UPS703 Datasheet HTML 7Page - Unisonic Technologies UPS703 Datasheet HTML 8Page - Unisonic Technologies UPS703 Datasheet HTML 9Page - Unisonic Technologies UPS703 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UPS703
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R119-015.C
FUNCTIONAL DESCRIPTION
The internal reference voltages and bias circuit work at VCC> VTHD (ON), and shutdown at VCC<VCC (MIN).
(1) Soft-Start
When every IC power on, driver output duty cycle will be decided by voltage VSS on soft-start capacitor and VCS
on current sense resistor at beginning. After VSS reach 4.2V, the whole soft-start phase end, and driver duty cycle
depend on VFB and VCS. The relation among VSS, VFB and VOUT as followed FIG.3.
Furthermore, soft-start phase should end before VCC reach VCC (MIN) during VCC power on. Otherwise, if soft-start
phase remain not end before VCC reach VCC (MIN) during VCC power on, IC will enter auto-restart phase and not set up
VOUT. So the value of CSS should be between 0.1μFand 4.7μF.
Finally soft-start also set OVP1 active phase. OVP1 active phase between 0 and VSS(DEACT), OVP1 will not be
sensed after VSS reach VSS(DEACT).The Soft-start phase TSS:TSS = 23.8×CSS (ms) (Example: CSS=0.47μF, then
TSS=23.8×0.47=11.2ms).
t
VOUT
VFB
t
t
Driver
4.8V
TSTRAT-UP
VSS
t
4.2V
TSOFT-START
Fig.3 Soft-start phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com