Electronic Components Datasheet Search
  English  ▼

X  

UPS703 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPS703
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS703 Datasheet(HTML) 1 Page - Unisonic Technologies

  UPS703 Datasheet HTML 1Page - Unisonic Technologies UPS703 Datasheet HTML 2Page - Unisonic Technologies UPS703 Datasheet HTML 3Page - Unisonic Technologies UPS703 Datasheet HTML 4Page - Unisonic Technologies UPS703 Datasheet HTML 5Page - Unisonic Technologies UPS703 Datasheet HTML 6Page - Unisonic Technologies UPS703 Datasheet HTML 7Page - Unisonic Technologies UPS703 Datasheet HTML 8Page - Unisonic Technologies UPS703 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPS703
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R119-015.C
HIGH PERFORMANCE
CURRENT MODE POWER
SWITCH
DESCRIPTION
The
UTC
UPS703
is
designed
for
several
special
enhancements to satisfy the demands, for example, Power-Saving
mode for low standby power (<0.3W), Frequency Hopping ,
Constant Output Power Limiting , Slope Compensation ,Over
Current Protection (OCP), Over Voltage Protection (OVP), Over
Load Protection (OLP), Under Voltage Lock Out (UVLO), Short
Circuit Protection (SCP) , Over Temperature Protection (OTP) etc.
IC will be shutdown or can auto-restart in relative situations.
FEATURE
* Low Startup Current (About 22μA)
* Fixed Switching Frequency(Norm. is 68KHz)
* Frequency Hopping For Improved EMI Performance.
* Lower Than 0.3W Standby Power Design
* Linearly Decreasing Frequency to 26KHz During Light Load
* Soft Start
* Internal Slope Compensation
* Constant Power Limiting For Universal AC Input Range
* Gate Output Maximum Voltage Clamp(15V)
* Max Duty Cycle 74%
* Over Temperature Protection
* Overload Protection
* Over Voltage Protection
* Leading Edge Blanking
* Cycle-by-Cycle Current Limiting
* Under Voltage Lock Out
* Short Circuit Protection
DIP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UPS703L-D08-T
UPS703G-D08-T
DIP-8
Tube


Similar Part No. - UPS703

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UPS703 ETL-UPS703 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
logo
Unisonic Technologies
UPS703G-D08-T UTC-UPS703G-D08-T Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703G-D08-T UTC-UPS703G-D08-T Datasheet
546Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703L-D08-T UTC-UPS703L-D08-T Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703L-D08-T UTC-UPS703L-D08-T Datasheet
546Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS703

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703_15 Datasheet
560Kb / 12P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652_15 Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com