Electronic Components Datasheet Search
  English  ▼

X  

UPS703 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UPS703
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS703 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UPS703 Datasheet HTML 4Page - Unisonic Technologies UPS703 Datasheet HTML 5Page - Unisonic Technologies UPS703 Datasheet HTML 6Page - Unisonic Technologies UPS703 Datasheet HTML 7Page - Unisonic Technologies UPS703 Datasheet HTML 8Page - Unisonic Technologies UPS703 Datasheet HTML 9Page - Unisonic Technologies UPS703 Datasheet HTML 10Page - Unisonic Technologies UPS703 Datasheet HTML 11Page - Unisonic Technologies UPS703 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UPS703
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R119-015.C
TYPICAL APPLICATION CIRCUIT
F1
LINE
NEUT
8
10
7
6
R13
VIN
SS
DRAIN
VCC
DRAIN
FB
2
5
4
7
6
8
1
3
IC1
4
3
12V/1A
GND
ZNR1
BD1
YC3
T1
C6
R10
C9
IC3
1
2
D3
XC1
R4
IC2
R1
D1
C2
R5
R2
D2
L2
C4
C10
R8
C5
CS
GND
R15
R6
9
1
3
4
R3
L1
1
3
2
4
4-
+1
2
3
C1
C8
LD2
R7
C7
C3
L3
1
3
2
4
12W
R12
R14
R9
R11
2
FIG.10 UPS703 Typical Application Circuit
Table1. Components reference description for UPS703 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
22μF
R1
1.3Ω
D1
FR107
C2
102P
R2
68KΩ
D2
SB3100
C3
22μF
R3
2.2MΩ
D3
US1D
C4
470μF
R4
2.2MΩ
IC1
UPS703
C5
470μF
R5
1MΩ
IC2
PC-817
C6
104P
R6
0Ω
IC3
TL431
C7
103P
R7
0Ω
T1
EE22
C8
102
R8
15Ω
L1
UU9.8
C9
104
R9
560Ω
L2
2μH
C10
220μF
R10
1KΩ
L3
Ring Choke
R11
3.9KΩ
LD2
LED
R12
15KΩ
F1
1.0A/250V
R13
5.1KΩ
ZNR1
7D471K
R14
1.8KΩ
XC1
154P/275V
R15
1.5MΩ~4.0 MΩ
BD1
B6S
YC3
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com