Electronic Components Datasheet Search
  English  ▼

X  

SNF431AS Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SNF431AS
Description  Programmable Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNF431AS Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SNF431AS Datasheet HTML 1Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 2Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 3Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KSD-I0A013-006
3
SN431/SNF431
◈ Absolute maximum ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Cathode to Anode voltage
VKA
37
V
Cathode current
IK
150
mA
Reference input current
Iref
10
mA
SOT-23
PD(Note1)
350
SOT-25
PD(Note1)
400
SOT-89
PD(Note1)
500
TO-92
PD(Note2)
625
Power Dissipation
TO-92M
PD(Note2)
400
mW
Junction Temperature
TJ
150
℃
Operating temperature range
Topr
-40 ~ +85
℃
Storage temperature range
Tstg
-55 ~ +150
℃
Note 1 : Mounted on a glass epoxy PCB board (25.4 × 25.4mm).TA=25℃
Note 2 : TA=25℃
◈ Recommended operating conditions
Rating
Characteristic
Symbol
Min.
Max.
Unit
Cathode to Anode voltage
VKA
Vref
36
V
Cathode current
IK
1
100
mA
◈ Electrical Characteristics (Ta=25 , unless otherwise noted.)
℃
Characteristic
Symbol
Condition
Min. Typ. Max.
Unit
SN431B
2.482
2.508
Reference voltage (Fig.1)
Vref
VKA=Vref, IK=10mA
SN431A
2.470
2.495
2.520
V
Reference input voltage
deviation over temperature
(Fig.1, Note1,2)
ΔVref
VKA=Vref , IK=10mA
@ -40˚C ≤ Ta ≤ 85˚C
-
7
30
mV
ΔVref
Ratio of delta reference input
voltage to delta cathode
voltage (Fig.2)
ΔVKA
IK=10mA
Vref≤VKA≤36V
-
-1.0
-2.7
mV/V
Reference current (Fig.2)
Iref
IK=10mA, R1=10KΩ, R2=∞
-
1.8
4.0
μΑ
Reference input current
deviation over temperature
(Fig.2, Note 1,2)
ΔIref
IK=10mA, R1=10KΩ, R2=∞
@ -40˚C ≤ Ta ≤ 85˚C
-
0.4
2.5
μΑ
Minimum cathode current
for regulation
IK(MIN)
VKA=Vref
-
0.35
1.0
mΑ
Off-state cathode current (Fig.3)
IK(off)
VKA=36V, Vref=0V
-
2.7
1000
nA
Dynamic impedance (Fig.1, Note3)
ZKA
VKA=Vref, f ≤ 1.0KHz
1.0mA ≤ IK ≤ 100mA
-
0.15
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com