Electronic Components Datasheet Search
  English  ▼

X  

SNF431AS Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SNF431AS
Description  Programmable Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNF431AS Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button SNF431AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 9Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 10Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 11Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 12Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
KSD-I0A013-006
8
SN431/SNF431
◈ Typical Application
Vout
Vcc
Fig14. Shunt Regulator
(
)Vref
R
R
Vout
2
1
1
+
=
R1
R2
Vcc
Vout
Vin
Vth=Vref
Vin < Vref -> Vout=Vcc
Vin > Vref -> Vout≒2.0V
Fig15. Single-Supply Comparator with
Temperature-Compensated Threshold
Isink
Vcc
Rs
Isink = Vref / RS
Fig16. Constant Current Sink
Vcc
RCL
Iout = Vref / RCL
Iout
Fig17. Constant Current Source
Vout
Vcc
(
)Vref
R
R
Vout
2
1
1
+
=
R1
R2
Fig18. Series Pass Regulator
Vin(min) = Vout + Vbe
Vout(min) = Vref + Vbe
Vout
Vcc
Fig19. High Currnet Shunt Regulator
(
)Vref
R
R
Vout
2
1
1
+
=
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com