Electronic Components Datasheet Search
  English  ▼

X  

SNF431AS Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SNF431AS
Description  Programmable Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNF431AS Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SNF431AS Datasheet HTML 1Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 2Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 3Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
KSD-I0A013-006
1
SN431/SNF431
Programmable Voltage Reference
◈ Description
The SN431 series are 3-terminal precision shunt regulators that are programmable over a wide voltage range of
2.495V to 36V with ±0.5%, ±1.0% tolerance. The SN431 series have a low dynamic impedance of 0.15Ω. These
features make the SN431 series an excellent replacement for zener diodes in numerous applications circuits that
require a precision reference voltage.
◈ Features
• Programmable output voltage from 2.495V to 36V
• Voltage reference tolerance : ±0.5%, ±1.0%
• Cathode current capability of 1mA to 100mA
[ K : Cathode,
A: Anode,
R : Reference ]
PKG : SOT-89
Apply Device : SN431xF
R
◈ Pin Assignment
PKG : SOT-23
Apply Device : SN431xS
PKG : SOT-23
Apply Device : SNF431xS
PKG : SOT-25
Apply Device : SN431xN
PKG : TO-92
Apply Device : SN431x
AK
A
K
R
A
R
K
A
R
A
K
NC
NC
K
RA
K
RA
PKG : TO-92M
Apply Device : SN431xM
(Marking Side View)
(Top View)
(Top View)
(Top View)
(Top View)
(Marking Side View)


Similar Part No. - SNF431AS

ManufacturerPart #DatasheetDescription
logo
Eravant
SNF-22-CA ERAVANT-SNF-22-CA Datasheet
572Kb / 4P
Q Band Waveguide Junction Circulator, 33 to 50 GHz
Rev 1.0
SNF-22-IA ERAVANT-SNF-22-IA Datasheet
319Kb / 3P
Q Band Waveguide Junction Isolator, 33 to 50 GHz
Rev 1.0
SNF-28-C5 ERAVANT-SNF-28-C5 Datasheet
298Kb / 3P
Ka Band Full Waveguide Junction Circulator, High Power
Rev. 1.0
SNF-28-I5 ERAVANT-SNF-28-I5 Datasheet
606Kb / 3P
Ka Band Full Waveguide Band Junction Isolator, 25 Watts
Rev. 1.0
SNF-34-C5 ERAVANT-SNF-34-C5 Datasheet
580Kb / 2P
Full WR-34 Waveguide Junction Circulator, High Power Handling
Rev. 1.0
More results

Similar Description - SNF431AS

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com