Electronic Components Datasheet Search
  English  ▼

X  

HT72B33 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT72B33
Description  High PSRR 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B33 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT72B33 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Rev. 1.00
7
August 24, 2011
HT72Bxx
Supply Current vs. Temperature
文件號碼:
DOC.NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THEINFORMATIONCONTAINEDHEREINISTHEEXCLUSIVEPROPERTYOFHOLTEKANDSHALLNOTBEDISTRIBUTED,REPRODUCED,OR
DISCLOSEDINWHOLEORINPARTWITHOUTPRIORWRITTENPERMISSIONOFHOLTEK.
13
4. Supply Current vs. Temperature(使用的是 HT78BXX 參數)
HT72B15
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=2.5V
HT72B25
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
V
IN=3.5V
Ripple Rejection vs. Frequency
HT72B15 VIN=2.5V (IOUT=30, 80, 150mA)
Load Transient Response
HT72B15 VIN=2.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT
HT72B15 VIN=2.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT
HT72B25 VIN=3.5V, CIN=COUT=1μF, CH1=VOUT(ac),
CH2=IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com