Electronic Components Datasheet Search
  English  ▼

X  

HT72B33 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT72B33
Description  High PSRR 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B33 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT72B33 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 1.00
3
August 24, 2011
HT72Bxx
Pin Assignment
SO T8 9
GN D
VI N
VO UT
HT 72B xx
T op Vi ew
SO T2 3- 5
VI NG ND
CE
2B xx
VO UT
NC
T op Vi ew
Bo tt om V ie w
GN DV OU T
VI N
Bo tt om V ie w
VI NG ND
CE
Pin Descriptions
SOT23-5 Pin Descriptions
Pin No.
Symbol
Description
1
VIN
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin, high enable
4
NC
No Connection
5
VOUT
Output Pin
SOT89 Pin Descriptions
Pin No.
Symbol
Description
1
GND
Ground Pin
2
VIN
Input Pin
3
VOUT
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com