Electronic Components Datasheet Search
  English  ▼

X  

HT72B33 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT72B33
Description  High PSRR 300mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B33 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT72B33 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B33 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.00
4
August 24, 2011
HT72Bxx
Electrical Characteristics
Ta=25°C, VIN=VOUT+1V, IOUT=30mA, unless otherwise specified(Note 2)
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VIN
Input Voltage
1.5V≤VOUT≤5.0V
2.5
—
7
V
∆VOUT
Output Voltage Tolerance
1mA≤IOUT≤30mA
-2
—
+2
%
∆VLINE
Line Regulation
VOUT+0.5V≤VIN≤7V IOUT=10mA
—
0.02
0.1
%/V
∆VLOAD Load Regulation(Note 3)
1mA≤IOUT≤300mA
1.5V≤VOUT≤1.8V
—
13
30
mV
2.5V≤VOUT≤3.0V
—
14
35
VOUT≥3.3V
—
15
40
VDROP
Dropout Voltage(Note 4)
∆VOUT=2%
IOUT=300mA
1.5V≤VOUT≤1.8V
—
0.6
0.9
V
2.5V≤VOUT≤5.0V
—
0.34 0.64
ISHORT
Short Current Limit
VOUT=0V
—
90
—
mA
ISS
Supply Current
IOUT=0mA
—
18
30
μA
ISD
Shutdown Current
CE=GND
—
0.1
1
μA
VIH
CE Input High Threshold
VOUT+1V≤VIN≤7V
1
—
7
V
VIL
CE Input Low Threshold
VOUT+1V≤VIN≤7V
0
—
0.3
V
RR
Ripple Rejection
IOUT=30mA
f=1kHz
—
70
—
dB
f=10kHz
—
53
—
VNOISE
Output Noise
Bandwidth=10Hz to 100KHz
—
30
—
μVrms
TC
Temperature Coefficient
TC=
OUT
a
OUT
V
TV
∆
ƥ
, IOUT=30mA, -40°C≤Ta≤85°C
—
±100
—
ppm/°C
TSD
Thermal Shutdown Temperature
—
—
150
—
°C
Note:1.Absolutemaximumratingsindicatelimitsbeyondwhichdamagetothedevicemayoccur.Operating
Ratingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonotguarantee
specificperformancelimits.Theguaranteedspecificationsapplyonlyforthetestconditionslisted.
2.SpecificationsareproductiontestedatTA=roomtemperature.Specificationsoverthe-40°Cto85°C
operatingtemperaturerangeareassuredbydesign,characterizationandcorrelationwithStatistical
QualityControls(SQC).
3.Loadregulationismeasuredatconstantjunctiontemperature,usingpulsetestingwithashortONtime.
Guaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/output
differentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbeavailable
overthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambienttemperature
isPD=(TJ(MAX)–TA)/θJA.
4.Dropoutvoltageistheminimuminputtooutputvoltagedifferentialneededtomaintainregulationata
specifiedoutputcurrent.Indropout,theoutputvoltagewillbeequalto:VIN–VDROP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com