Electronic Components Datasheet Search
  English  ▼

X  

4618 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4618
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 4 Page - 3M Electronics

  4618 Datasheet HTML 1Page - 3M Electronics 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4919F
Black
0.025
17
(300)
90
(620)
80
(550)
4926
Gray
0.015
14
(245)
95
(655)
90
(620)
4936 (F)
Gray
0.025
17
(300)
90
(620)
80
(550)
4941 (F)
Gray
0.045
22
(385)
85
(585)
70
(480)
4947F
Black
0.045
22
(385)
85
(585)
70
(480)
4956 (F)
Gray
0.062
22
(385)
80
(550)
70
(480)
4979F
Black
0.062
22
(385)
80
(550)
70
(480)
4991
Gray
0.090
22
(385)
70
(480)
65
(450)
4914
White
0.010
13
(230)
130
(830)
130
(830)
4920
White
0.015
15
(260)
160
(1100)
100
(690)
4929
Black
0.025
20
(350)
160
(1100)
100
(690)
4930 (F)
White
0.025
20
(350)
160
(1100)
100
(690)
4949
Black
0.045
25
(440)
140
(970)
80
(550)
4950
White
0.045
25
(440)
140
(970)
80
(550)
4955
White
0.080
20
(350)
95
(655)
70
(480)
4959 (F)
White
0.120
20
(350)
75
(520)
55
(380)
- 4 -
3M™ VHB™ Tapes
Product
Thickness
Family
Number
Color
Inches
Typical Performance
Characteristics
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Dynamic Adhesion Performance
90° Peel Adhesion
lb/in
N/100 mm
Normal Tensile
lb/in
kPa
Dynamic Overlap Shear
lb/in
kPa
5915 (P)
Black
0.016
14
(245)
90
(620)
90
(620)
5925 (P)
Black
0.025
17
(300)
90
(620)
90
(620)
5930 (P)
Black
0.032
19
(330)
90
(620)
85
(585)
5952 (P)
Black
0.045
22
(385)
90
(620)
80
(550)
5958FR
Black
0.040
20
(350)
100
(690)
100
(690)
5962 (P)
Black
0.062
22
(385)
90
(620)
80
(550)
4945
White
0.045
25
(440)
140
(970)
80
(550)
4946
White
0.045
25
(440)
140
(970)
80
(550)
4905
Clear
0.020
12
(210)
100
(690)
70
(480)
4910
Clear
0.040
15
(260)
100
(690)
70
(480)
4951
White
0.045
18
(315)
110
(760)
80
(550)
4943F
Gray
0.045
20
(350)
85
(585)
70
(480)
4957F
Gray
0.062
20
(350)
75
(515)
70
(480)
4932
White
0.025
20
(350)
100
(690)
100
(690)
4952
White
0.045
25
(440)
80
(550)
80
(550)
4611
Dk Gray
0.045
18
(315)
90
(590)
65
(445)
4646
Dk Gray
0.025
15
(250)
100
(690)
80
(550)
4655
Dk Gray
0.062
18
(315)
80
(550)
60
(415)
4618
White
0.025
17
(300)
85
(580)
80
(550)
4622
White
0.045
20
(350)
70
(480)
65
(445)
4624
White
0.062
20
(350)
55
(380)
60
(410)
90° Peel Adhesion - Based on ASTM D3330 -To stainless steel, room temperature, jaw speed 12 in/min (305 mm/min). Average force to
remove is measured. 72 hour dwell.
Normal Tensile (T-Block Tensile) - ASTM D-897 - To aluminum, room temperature, 1 in2 (6.45 cm2), jaw speed 2 in/min (50 mm/min.) Peak
force to separate is measured. 72 hour dwell.
Dynamic Overlap Shear - ASTM D-1002 - To stainless steel, room temperature, 1 in2 (6.45 cm2), jaw speed 0.5 in/min (12.7 mm/min.) Peak
force to separate is measured. 72 hour dwell.
2
2
3M™ VHB™ Tapes
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com