Electronic Components Datasheet Search
  English  ▼

X  

4618 Datasheet(PDF) 6 Page - 3M Electronics

Part # 4618
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 6 Page - 3M Electronics

Back Button 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics 4618 Datasheet HTML 10Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.010
(0.25)
72
(65.8)
0.25
(6.4)
48
(1220)
72
(65.8)
144
(131.6)
360
(330)
0.015/0.016
(0.4)
72
(65.8)
0.25
(6.4)
48*
(1220)
144
(131.6)
175
(160)
360
(330)
0.020
(0.5)
72
(65.8)
0.25
(6.4)
48*
(1220)
72
(65.8)
108
(98.8)
175
(160)
0.025
(0.64)
72
(65.8)
0.25
(6.4)
48
(1220)
72
(65.8)
108
(98.8)
175
(160)
0.032
(0.8)
72
(65.8)
0.25
(6.4)
48
(1220)
72
(65.8)
108
(98.8)
175
(160)
0.040
(1.0)
36
(32.9)
0.25
(6.4)
48
(1220)
72
(65.8)
108
(98.8)
144
(131.6)
0.045
(1.1)
36
(32.9)
0.25
(6.4)
48
(1220)
72
(65.8)
108
(98.8)
144
(131.6)
0.062
(1.55)
36
(32.9)
0.25
(6.4)
46
(1170)
72
(65.8)
72
(65.8)
108
(98.8)
0.080
(2.0)
36
(32.9)
0.25
(6.4)
46
(1170)
36
(32.9)
36
(32.9)
72
(65.8)
0.090
(2.3)
36
(32.9)
0.25
(6.4)
46
(1170)
36
(32.9)
36
(32.9)
72
(65.8)
0.120
(3.0)
36
(32.9)
0.5
(12.7)
46
(1170)
N/A
N/A
N/A
N/A
36
(32.9)
0.120
(3.0)
36
(32.9)
0.25
(6.4)
46
(1170)
36
(32.9)
36
(32.9)
36
(32.9)
- 6 -
3M™ VHB™ Tapes
inches
(mm)
yards
(meters)
inches
(mm)
inches
(mm)
Available Sizes
Maximum Roll Length
Tape Thickness
Standard Length
Minimum Width
Maximum Width
Width 1/4"up to 3/8"
(6.4mm up to 9.5mm)
Width >3/8" up to 1/2"
(>9.5mm up to 12.7mm)
Width 1/2" and wider
(12.7mm and wider)
yards
(meters)
yards
(meters)
yards
(meters)
Slitting Tolerance
Standard slitting tolerance ± 1/32 inch (± 0.031 inch, ± 0.8 mm).
Precision slitting with slitting tolerance of ± 1/64 inch (± 0.016 in., ± 0.44 mm) is available on select products
with minimum order of full web increments.
Core Size
All products are provided on a 3 inch ID Core (76.2 mm).
Converted Parts
In addition to standard and custom roll sizes available from 3M through the distribution network, 3M™ VHB™
Tapes are also available in limitless shapes and sizes through the 3M Converter network. For additional
information, contact 3M Converter Markets at 1-800-223-7427 or on the web at www.3M.com/converter.
Shelf Life
All 3M™ VHB™ Tapes have a shelf life of 24 months from date of manufacture when stored at 40°F to 100°F
(4°C to 38°C) and 0-95% relative humidity. The optimum storage conditions are 72°F (22°C) and 50% relative
humidity.
Performance of tapes is not projected to change even after shelf life expires; however, 3M does suggest that
3M™ VHB™ Tapes are used prior to the shelf life date whenever possible.
The manufacturing date is available on all 3M™ VHB™ Tape cores as the lot number. The lot number, typically
a 4 digit code, is a Julian date (Y D D D). The first digit refers to the year of manufacture, the last 3 digits refer
to the days after January 1. Example: A lot number of 9266 would translate to a date of manufacture of Sept. 22
(266th day of year) in 2009. On most products this is found as the 4 digits after the “9” following the product
number. For tapes printed continuously around the core (e.g. 3M™ VHB™ Tape 5952 family) the lot number
typically will be the string of 4 digits preceding the product number.
(4959)
(4959F)
*Exception – 5915 (P) max. width 46 inches (1170 mm); 5925 (P) max. width 47 inches (1195 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com