Electronic Components Datasheet Search
  English  ▼

X  

4618 Datasheet(PDF) 3 Page - 3M Electronics

Part # 4618
Description  VHB™ Tapes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4618 Datasheet(HTML) 3 Page - 3M Electronics

  4618 Datasheet HTML 1Page - 3M Electronics 4618 Datasheet HTML 2Page - 3M Electronics 4618 Datasheet HTML 3Page - 3M Electronics 4618 Datasheet HTML 4Page - 3M Electronics 4618 Datasheet HTML 5Page - 3M Electronics 4618 Datasheet HTML 6Page - 3M Electronics 4618 Datasheet HTML 7Page - 3M Electronics 4618 Datasheet HTML 8Page - 3M Electronics 4618 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DK Paper 0.003
(0.08)
White (printed)
DK Paper 0.003
(0.08)
White (printed)
Polyester 0.002
(0.05)
Clear
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Red
Polyester 0.002
(0.05)
Clear
DK Paper 0.003
(0.08)
White (printed)
Polyester 0.002
(0.05)
Clear
Polyester 0.002
(0.05)
Clear
PE Film
0.005
(0.125)
Red
50
(800)
50
(800)
50
(800)
50
(800)
50
(800)
50
(800)
50
(800)
45
(720)
45
(720)
45
(720)
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
Gen Purp
0.010 (0.25)
± 15%
0.015
(0.4)
± 15%
0.025 (0.64)
± 15%
0.025 (0.64)
± 15%
0.025 (0.64)
± 15%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.080
(2.0)
± 10%
0.120
(3.0)
± 10%
0.120
(3.0)
± 10%
4914
White
4920
White
4929
Black
4930
White
4930F
White
4949
Black
4950
White
4955
White
4959
White
4959F
White
- 3 -
3M™ VHB™ Tapes
3M™ VHB™ Tapes
Product
Family Number Color
4919F
Black
4926
Gray
4936
Gray
4936F
Gray
4941
Gray
4941F
Gray
4947F
Black
4956
Gray
4956F
Gray
4979F
Black
4991
Gray
Thickness
Inches
(mm) Tolerance
0.025 (0.64)
± 15%
0.015
(0.4)
± 15%
0.025 (0.64)
± 15%
0.025 (0.64)
± 15%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.062 (1.55)
± 10%
0.062 (1.55)
± 10%
0.062 (1.55)
± 10%
0.090
(2.3)
± 10%
Adhesive
Adhesive Type
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Multi-Purp
Foam
Type
Conform
Conform
Conform
Conform
Conform
Conform
Conform
Conform
Conform
Conform
Conform
Density
lb/ft
(kg/m )
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
45
(720)
3
3
Release Liner Thickness
Type
Inches
(mm)
Color
PE Film
0.005
(0.125)
Red (printed)
DK Paper 0.003
(0.08)
White (printed)
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Red (printed)
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Red
PE Film
0.005
(0.125)
Red (printed)
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Red (printed)
PE Film
0.005
(0.125)
Red (printed)
PE Film
0.005
(0.125)
Red (printed)
5915
Black
5915P
Black
5925
Black
5925P
Black
5930
Black
5930P
Black
5952
Black
5952P
Black
5958FR Black
5962
Black
5962P
Black
4945
White
4946
White
4905
Clear
4910
Clear
4951
White
4943F
Gray
4957F
Gray
4932
White
4952
White
4611 Dk Gray
4646 Dk Gray
4655 Dk Gray
4618
White
4622
White
4624
White
0.016
(0.4)
± 15%
0.016
(0.4)
± 15%
0.025 (0.64)
± 15%
0.025 (0.64)
± 15%
0.032
(0.8)
± 15%
0.032
(0.8)
± 15%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.040
(1.0)
± 10%
0.062 (1.55)
± 10%
0.062 (1.55)
± 10%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.020
(0.5)
± 15%
0.040
(1.0)
± 10%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.062 (1.55)
± 10%
0.025 (0.64)
± 15%
0.045
(1.1)
± 10%
0.045
(1.1)
± 10%
0.025 (0.64)
± 15%
0.062 (1.55)
± 10%
0.025 (0.64)
± 15%
0.045
(1.1)
± 10%
0.062 (1.55)
± 10%
Modified
Modified
Modified
Modified
Modified
Modified
Modified
Modified
Modified
Modified
Modified
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Very Conf
Firm
Firm
Firm
Firm
Firm
Firm
Firm
Firm
Firm
Firm
Multi-Purp
Multi-Purp
Firm
Firm
Low Temp Appl
Low Temp Appl
Low Temp Appl
Firm
Conform
Conform
Gen Purp
Gen Purp
Gen Purp
Firm
Firm
Firm
Gen/Multi Purp
Gen/Multi Purp
Gen/Multi Purp
Conform
Conform
Conform
Gen Purp
Gen Purp
Solid
Solid
LSE
LSE
Firm
Firm
43
(690)
43
(690)
37
(590)
37
(590)
37
(590)
37
(590)
37
(590)
37
(590)
50
(800)
37
(590)
37
(590)
50
(800)
50
(800)
60
(960)
60
(960)
50
(800)
45
(720)
45
(720)
50
(800)
50
(800)
52
(840)
52
(840)
52
(840)
45
(720)
45
(720)
45
(720)
PE Film
0.005
(0.125)
Red
PCK Paper
0.004
(0.10)
White (printed)
PE Film
0.005
(0.125)
Red
PCK Paper
0.004
(0.10)
White (printed)
PE Film
0.005
(0.125)
Red
PCK Paper
0.004
(0.10)
White (printed)
PE Film
0.005
(0.125)
Red
PCK Paper
0.004
(0.10)
White (printed)
PE Film
0.005
(0.125)
Red
PE Film
0.005
(0.125)
Red
PCK Paper
0.004
(0.10)
White (printed)
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Clear
PE Film
0.005
(0.125)
Red (printed)
PE Film
0.005
(0.125)
Red (printed)
Polyester 0.002
(0.05)
Clear
Polyester 0.002
(0.05)
Clear
Polyester 0.002
(0.05)
Clear
DK Paper 0.003
(0.08)
White (printed)
DK Paper 0.003
(0.08)
White (printed)
PE Film
0.005
(0.125)
Red
PE Film
0.005
(0.125)
Red
PE Film
0.005
(0.125)
Red
PE Film
0.004
(0.10)
Green
PE Film
0.004
(0.10)
Green
PE Film
0.004
(0.10)
Green
Typical Physical Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com