| Electronic Components Datasheet Search |
|
ADR434 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR434 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 24 page ![]() ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 17 of 24 Equation 3 shows that the apparent output impedance is reduced by approximately the excess loop gain; therefore, as the frequency increases, the excess loop gain decreases, and the apparent output impedance increases. A passive element whose impedance increases as its frequency increases is an inductor. When a capacitor is added to the output of an op amp or a reference, it forms a tuned circuit that resonates at a certain frequency and results in gain peaking. This can be observed by using a model of a semiperfect op amp with a single-pole response and some pure resistance in series with the output. Changing capacitive loads results in peaking at different frequencies. For most normal op amp applications with low capacitive loading (<100 pF), this effect is usually not observed. However, references are used increasingly to drive the reference input of an ADC that may present a dynamic, switching capacitive load. Large capacitors, in the microfarad range, are used to reduce the change in reference voltage to less than one-half LSB. Figure 31 shows the ADR431 noise spectrum with various capacitive values to 50 μF. With no capacitive load, the noise spectrum is relatively flat at approximately 60 nV/√Hz to 70 nV/√Hz. With various values of capacitive loading, the predicted noise peaking becomes evident. 10 100 1000 10 100 1k 10k 100k ADR431 NO COMPENSATION CL = 0µF CL = 1µF CL = 50µF CL = 10µF FREQUENCY (Hz) Figure 31. Noise vs. Capacitive Loading The op amp within the ADR43x family uses the classic RC compensation technique. Monolithic capacitors in an IC are limited to tens of picofarads. With very large external capacitive loads, such as 50 μF, it is necessary to overcompensate the op amp. The internal compensation node is brought out on Pin 7, and an external series RC network can be added between Pin 7 and the output, Pin 6, as shown in Figure 32. + NOTES 1. NC = NO CONNECT 2. TP = TEST PIN (DO NOT CONNECT) 1 2 3 4 5 8 6 7 ADR43x TOP VIEW (Not to Scale) TP COMP VOUT TRIM TP NC GND VIN 10µF 0.1µF 0.1µF 82kΩ 10nF Figure 32. Compensated Reference The 82 kΩ resistor and 10 nF capacitor can eliminate the noise peaking (see Figure 33). The COMP pin should be left unconnected if unused. 10 100 10 100 1k 10k FREQUENCY (Hz) CL = 1µF RC 82kΩ AND 10nF CL = 10µF RC 82kΩ AND 10nF CL = 50µF RC 82kΩ AND 10nF Figure 33. Noise with Compensation Network TURN-ON TIME Upon application of power (cold start), the time required for the output voltage to reach its final value within a specified error band is defined as the turn-on settling time. Two components normally associated with this are the time for the active circuits to settle and the time for the thermal gradients on the chip to stabilize. Figure 17 and Figure 18 show the turn-on settling time for the ADR431. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |