Electronic Components Datasheet Search
  English  ▼

X  

ADR434 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR434
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR434 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR434 Datasheet HTML 15Page - Analog Devices ADR434 Datasheet HTML 16Page - Analog Devices ADR434 Datasheet HTML 17Page - Analog Devices ADR434 Datasheet HTML 18Page - Analog Devices ADR434 Datasheet HTML 19Page - Analog Devices ADR434 Datasheet HTML 20Page - Analog Devices ADR434 Datasheet HTML 21Page - Analog Devices ADR434 Datasheet HTML 22Page - Analog Devices ADR434 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 19 of 24
VIN
VOUT
GND
RLW
RL
VOUT
SENSE
VOUT
FORCE
RLW
VIN
2
6
4
ADR43x
A1
OP191
+
Figure 37. Advantage of Kelvin Connection
DUAL POLARITY REFERENCES
Dual polarity references can easily be made with an operational
amplifier and a pair of resistors. To avoid defeating the accuracy
obtained by the ADR43x, it is imperative to match the resistance
tolerance as well as the temperature coefficient of all the components.
6
2
4
5
–
10V
VIN
VIN
VOUT
GND
TRIM
R1
R2
U2
R3
V+
V–
+10V
–5V
+5V
10kΩ
1µF
0.1µF
U1
ADR435
OP1177
5kΩ
10kΩ
Figure 38. +5 V and −5 V References Using ADR435
6
2
4
5
VIN
VOUT
GND
TRIM
R1
5.6kΩ
U2
V+
V–
+10V
U1
ADR435
OP1177
+2.5V
–2.5V
R2
5.6kΩ
–10V
Figure 39. +2.5 V and −2.5 V References Using ADR435
PROGRAMMABLE CURRENT SOURCE
Together with a digital potentiometer and a Howland current
pump, the ADR435 forms the reference source for a programmable
current as
W
B
B
A
L
V
R
R1
R
R2
I
×
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
=
2
2
(4)
and
REF
N
W
V
D
V
×
=
2
(5)
where:
D is the decimal equivalent of the input code.
N is the number of bits.
In addition, R1' and R2' must be equal to R1 and (R2A + R2B),
respectively. In theory, R2B can be made as small as needed to
achieve the necessary current within the A2 output current
driving capability. In this example, the OP2177 can deliver a
maximum output current of 10 mA. Because the current pump
employs both positive and negative feedback, C1 and C2
capacitors are needed to ensure that the negative feedback
prevails and, therefore, avoids oscillation. This circuit also
allows bidirectional current flow if the VA and VB inputs of
the digital potentiometer are supplied with the dual polarity
references, as shown in Figure 40.
6
2
4
5
VIN
VDD
VOUT
GND
TRIM
C2
10pF
U1
V+
V–
IL
ADR435
OP2177
R1
50kΩ
OP2177
V–
V+
A2
A1
IL
VDD
U2
AD5232
W
A
B
VSS
R1'
50kΩ
R2'
1kΩ
R2A
1kΩ
R2B
10Ω
VDD
VSS
C1
10pF
+
VL
–
Figure 40. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com