| Electronic Components Datasheet Search |
|
ADR434 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR434 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 24 page ![]() ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 20 of 24 PROGRAMMABLE DAC REFERENCE VOLTAGE By employing a multichannel DAC, such as the AD7398, quad, 12-bit voltage output DAC, one of its internal DACs and an ADR43x voltage reference can be used as a common programmable VREFX for the rest of the DACs. The circuit configuration is shown in Figure 41. VREFA DAC A VREFB DAC B VREFC DAC C VREFD DAC D VOUTA VOUTB VOUTC VOUTD VOB =VREFX (DB) VOC =VREFX (DC) VOD =VREFX (DD) ADR43x AD7398 VIN VREF R1 ± 0.1% R2 ± 0.1% Figure 41. Programmable DAC Reference The relationship of VREFX to VREF depends on the digital code and the ratio of R1 and R2, given by ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ × + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + × = R1 R2 D R1 R2 V V N REF REFX 2 1 1 (6) where: D is the decimal equivalent of the input code. N is the number of bits. VREF is the applied external reference. VREFX is the reference voltage for DAC A to DAC D. Table 10. VREFX vs. R1 and R2 R1, R2 Digital Code VREF R1 = R2 0000 0000 0000 2 VREF R1 = R2 1000 0000 0000 1.3 VREF R1 = R2 1111 1111 1111 VREF R1 = 3R2 0000 0000 0000 4 VREF R1 = 3R2 1000 0000 0000 1.6 VREF R1 = 3R2 1111 1111 1111 VREF PRECISION VOLTAGE REFERENCE FOR DATA CONVERTERS The ADR43x family has a number of features that make it ideal for use with ADCs and DACs. The exceptional low noise, tight temperature coefficient, and high accuracy characteristics make the ADR43x ideal for low noise applications, such as cellular base station applications. Another example of an ADC for which the ADR431 is well suited is the AD7701. Figure 42 shows the ADR431 used as the precision reference for this converter. The AD7701 is a 16-bit ADC with on-chip digital filtering intended for the measurement of wide dynamic range and low frequency signals, such as those representing chemical, physical, or biological processes. It contains a charge-balancing Σ-Δ ADC, a calibration microcontroller with on-chip static RAM, a clock oscillator, and a serial communications port. SERIAL CLOCK READ (TRANSMIT) DATA READY +5V ANALOG SUPPLY SERIAL CLOCK RANGES SELECT CALIBRATE ANALOG INPUT ANALOG GROUND –5V ANALOG SUPPLY DVDD SLEEP MODE DRDY CS SCLK SDATA CLKIN CLKOUT SC1 SC2 DGND DVSS AVSS AGND AIN CAL BP/UP VREF AVDD VIN VOUT GND ADR431 AD7701 0.1µF 0.1µF 0.1µF 0.1µF 10µF 0.1µF 10µF 0.1µF 2 6 4 Figure 42. Voltage Reference for the AD7701 16-Bit ADC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |