Electronic Components Datasheet Search
  English  ▼

X  

DS1865 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1865
Description  PON Triplexer Control and Monitoring Circuit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1865 Datasheet HTML 9Page - Maxim Integrated Products DS1865 Datasheet HTML 10Page - Maxim Integrated Products DS1865 Datasheet HTML 11Page - Maxim Integrated Products DS1865 Datasheet HTML 12Page - Maxim Integrated Products DS1865 Datasheet HTML 13Page - Maxim Integrated Products DS1865 Datasheet HTML 14Page - Maxim Integrated Products DS1865 Datasheet HTML 15Page - Maxim Integrated Products DS1865 Datasheet HTML 16Page - Maxim Integrated Products DS1865 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
PON Triplexer Control and
Monitoring Circuit
____________________________________________________________________
13
Updates to the TXP-HI, TXP-LO, and BIAS HI quick-trip
alarms do not occur during the burst-enable low time.
Any quick-trip alarm that is detected by default remains
active until a subsequent comparator sample shows the
condition no longer exists.
A second bias-current monitor (BIAS MAX) compares
the DS1865’s BIAS DAC’s code to a digital value stored
in the MAX IBIAS register. This comparison is made
every bias-current update to ensure that a high bias
current is quickly detected.
Monitors and Fault Detection
Monitors
Monitoring functions on the DS1865 include four quick-
trip comparators and six ADC channels. This monitor-
ing, combined with the interrupt masks, determines
when/if the DS1865 shuts down its outputs and triggers
the TX-F and FETG outputs. All the monitoring levels
and interrupt masks are user programmable.
Four Quick-Trip Monitors and Alarms
Four quick-trip monitors are provided to detect potential
laser safety issues. These monitor:
1) High Bias Current (HBIAS)
2) Low Transmit Power (LTXP)
3) High Transmit Power (HTXP)
4) Max Output Current (MAX IBIAS)
The high and low transmit power quick-trip registers
(HTXP and LTXP) set the thresholds used to compare
against the BMD voltage to determine if the transmit
power is within specification. The HBIAS quick-trip com-
pares the MON1 input (generally from the MAX3643
bias monitor output) against its threshold setting to
determine if the present bias current is above specifica-
tion. The BIAS MAX quick-trip is a digital comparison
that determines if the BIAS DAC indicates that the bias
current is above specification. IBIAS is not allowed to
exceed the value set in the MAX IBIAS register. When
the DS1865 detects that the bias is at the limit, it sets the
BIAS MAX status bit and holds the bias current at the
MAX IBIAS level. The quick-trips are routed to the TX-F
and FETG outputs through interrupt masks to allow com-
binations of these alarms to be used to trigger these out-
puts. When FETG is triggered, the DS1865 also disables
the MOD and BIAS outputs. See the
BIAS and MOD
Output During Power-Up section for details.
Six ADC Monitors And Alarms
The ADC monitors six channels that measure tempera-
ture (internal temp sensor), VCC, MON1, MON2, MON3,
and MON4 using an analog multiplexer to measure
them round-robin with a single ADC. Each channel has
a customer-programmable full-scale range and offset
value that is factory programmed to a default value (see
Table 3). Additionally, MON1–MON4 can right shift
results by up to 7 bits before the results are compared
to alarm thresholds or read over the I2C bus. This
allows customers with specified ADC ranges to cali-
brate the ADC full scale to a factor of 1/2n of their spec-
ified range to measure small signals. The DS1865 can
then right shift the results by n bits to maintain the bit
weight of their specification.
LAST BURST'S
BIAS SAMPLE
BEN
BIAS DAC CODE
QUICK-TRIP
SAMPLE TIMES
HBIAS
SAMPLE
tFIRST
tREP
HTXP/LTXP
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
BIAS
SAMPLE
Figure 3. APC and Quick-Trip Alarm Sample Timing
Table 3. ADC Default Monitor Full-Scale
Ranges
SIGNAL (UNITS)
+FS
SIGNAL
+FS
HEX
-FS
SIGNAL
-FS HEX
Temperature (
oC)
127.996
7FFF
-128
8000
VCC (V)
6.5528
FFF8
0V
0000
MON1–MON4 (V)
2.4997
FFF8
0V
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com