Electronic Components Datasheet Search
  English  ▼

X  

DS1865 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1865
Description  PON Triplexer Control and Monitoring Circuit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1865 Datasheet HTML 15Page - Maxim Integrated Products DS1865 Datasheet HTML 16Page - Maxim Integrated Products DS1865 Datasheet HTML 17Page - Maxim Integrated Products DS1865 Datasheet HTML 18Page - Maxim Integrated Products DS1865 Datasheet HTML 19Page - Maxim Integrated Products DS1865 Datasheet HTML 20Page - Maxim Integrated Products DS1865 Datasheet HTML 21Page - Maxim Integrated Products DS1865 Datasheet HTML 22Page - Maxim Integrated Products DS1865 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
PON Triplexer Control and
Monitoring Circuit
____________________________________________________________________
19
I2C Definitions
The following terminology is commonly used to
describe I2C data transfers.
Master Device: The master device controls the slave
devices on the bus. The master device generates SCL
clock pulses and START and STOP conditions.
Slave Devices: Slave devices send and receive data at
the master’s request.
Bus Idle or Not Busy: Time between STOP and START
conditions when both SDA and SCL are inactive and in
their logic-high states. When the bus is idle, it often initi-
ates a low-power mode for slave devices.
START Condition: A START condition is generated by
the master to initiate a new data transfer with a slave.
Transitioning SDA from high to low while SCL remains
high generates a START condition. See Figure 9 for
applicable timing.
STOP Condition: A STOP condition is generated by
the master to end a data transfer with a slave.
Transitioning SDA from low to high while SCL remains
high generates a STOP condition. See Figure 9 for
applicable timing.
Repeated START Condition: The master can use a
repeated START condition at the end of one data trans-
fer to indicate that it will immediately initiate a new data
transfer following the current one. Repeated START
conditions are commonly used during read operations
to identify a specific memory address to begin a data
transfer. A repeated START condition is issued identi-
cally to a normal START condition. See Figure 9 for
applicable timing.
Bit Write: Transitions of SDA must occur during the low
state of SCL. The data on SDA must remain valid and
unchanged during the entire high pulse of SCL plus the
setup and hold-time requirements (Figure 9). Data is shift-
ed into the device during the rising edge of the SCL.
Bit Read: At the end of a write operation, the master
must release the SDA bus line for the proper amount of
setup time before the next rising edge of SCL during a
bit read. The device shifts out each bit of data on SDA at
the falling edge of the previous SCL pulse and the data
bit is valid at the rising edge of the current SCL pulse.
Remember that the master generates all SCL clock puls-
es including when it is reading bits from the slave.
Acknowledgement (ACK and NACK): An acknowledge-
ment (ACK) or not acknowledge (NACK) is always the
9th bit transmitted during a byte transfer. The device
receiving data (the master during a read or the slave
during a write operation) performs an ACK by transmit-
ting a zero during the 9th bit. A device performs a
NACK by transmitting a one during the 9th bit. Timing
for the ACK and NACK is identical to all other bit writes.
An ACK is the acknowledgment that the device is prop-
erly receiving data. A NACK is used to terminate a read
sequence or as an indication that the device is not
receiving data.
Byte Write: A byte write consists of 8 bits of information
transferred from the master to the slave (most signifi-
cant bit first) plus a 1-bit acknowledgement from the
slave to the master. The 8 bits transmitted by the mas-
ter are done according to the bit write definition and the
acknowledgement is read using the bit read definition.
Byte Read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the bit
read definition, and the master transmits an ACK using
the bit write definition to receive additional data bytes.
The master must NACK the last byte read to terminate
communication so the slave returns control of SDA to
the master.
Slave Address Byte: Each slave on the I2C bus
responds to a slave addressing byte (Figure 9) sent
immediately following a START condition. The slave
address byte contains the slave address in the most sig-
nificant 7 bits and the R/W bit in the least significant bit.
The DS1865 responds to two slave addresses. The auxil-
iary memory always responds to a fixed I2C slave address,
A0h. The Lower Memory and tables 01h–06h respond to
I2C slave addresses that can be configured to any value
between 00h–FEh using the Device Address byte (Table
02h, Register 8Ch). The user also must set the ASEL bit
(Table 02h, Register 89h) for this address to be active. By
writing the correct slave address with R/W = 0, the master
indicates it will write data to the slave. If R/W = 1, the mas-
ter reads data from the slave. If an incorrect slave address
is written, the DS1865 assumes the master is communicat-
ing with another I2C device and ignores the communica-
tions until the next START condition is sent.
Memory Address: During an I2C write operation, the
master must transmit a memory address to identify the
memory location where the slave is to store the data.
The memory address is always the second byte trans-
mitted during a write operation following the slave
address byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com