Electronic Components Datasheet Search
  English  ▼

X  

DS1865 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1865
Description  PON Triplexer Control and Monitoring Circuit
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1865 Datasheet HTML 1Page - Maxim Integrated Products DS1865 Datasheet HTML 2Page - Maxim Integrated Products DS1865 Datasheet HTML 3Page - Maxim Integrated Products DS1865 Datasheet HTML 4Page - Maxim Integrated Products DS1865 Datasheet HTML 5Page - Maxim Integrated Products DS1865 Datasheet HTML 6Page - Maxim Integrated Products DS1865 Datasheet HTML 7Page - Maxim Integrated Products DS1865 Datasheet HTML 8Page - Maxim Integrated Products DS1865 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
PON Triplexer Control and
Monitoring Circuit
_____________________________________________________________________
3
ANALOG INPUT CHARACTERISTICS (BMD, TXP-HI, TXP-LO, HBIAS)
(
VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BMD, TXP-HI, TXP-LO Full-Scale VoltageVAPC
(Note 4)
2.5
V
HBIAS Full-Scale Voltage
1.25
mA
BMD Input Resistance
35
50
65
k
Ω
Resolution
(Note 4)
8
Bits
Error
TA = +25°C (Note 5)
±2
%FS
Integral Nonlinearity
-1
+1
LSB
Differential Nonlinearity
-1
+1
LSB
Temperature Drift
-2.5
+2.5
%FS
ANALOG OUTPUT CHARACTERISTICS
(
VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BIAS Current
IBIAS
(Note 1)
1.2
mA
IBIAS Shutdown Current
IBIAS:OFF
10
100
nA
Voltage at IBIAS
0.7
1.2
1.4
V
MOD Full-Scale Voltage
VMOD
(Note 6)
1.25
V
MOD Output Impedance
(Note 7)
3
k
Ω
VMOD Error
TA = +25°C (Note 8)
-2.5
+2.5
%FS
VMOD Integral Nonlinearity
-3
+3
LSB
VMOD Differential Nonlinearity
-1
+1
LSB
VMOD Temperature Drift
-2
+2
%FS
ELECTRICAL CHARACTERISTICS (DAC1 and M4DAC)
(
VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC Output Range
0
2.5
V
DAC Output Resolution
8
Bits
DAC Output Integral Nonlinearity
-2
+2
LSB
DAC Output Differential Nonlinearity
-1
+1
LSB
DAC Error
TA = +25°C
-1.25
+1.25
LSB
DAC Temperature Drift
-2
+2
% FS
DAC Offset
VCC = 2.85V to 3.6V
-20
+20
µV
Maximum Load
-500
+500
µA
Maximum Load Capacitance
250
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com