Electronic Components Datasheet Search
  English  ▼

X  

AP02002 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP02002_1 Datasheet HTML 16Page - Diodes Incorporated AP02002_1 Datasheet HTML 17Page - Diodes Incorporated AP02002_1 Datasheet HTML 18Page - Diodes Incorporated AP02002_1 Datasheet HTML 19Page - Diodes Incorporated AP02002_1 Datasheet HTML 20Page - Diodes Incorporated AP02002_1 Datasheet HTML 21Page - Diodes Incorporated AP02002_1 Datasheet HTML 22Page - Diodes Incorporated AP02002_1 Datasheet HTML 23Page - Diodes Incorporated AP02002_1 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AP02002 Rev. 50
20 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SC59 / SOT323 / SOT523
SC59
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
-
-
0.95
G
-
-
1.90
H
2.90
3.10
3.00
J
0.013
0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
N
0.70
0.80
0.75
α
0°
8°
-
All Dimensions in mm
SOT323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
N
-
-
-
α
0°
8°
-
All Dimensions in mm
SOT523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
-
-
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
0°
8°
-
All Dimensions in mm
SOT23
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
0°
8°
-
All Dimensions in mm
SOT23F
SOT23F
Dim
Min
Max
Typ
A
0.80
1.00
0.90
A1
0.00
0.10
-
b
0.35
0.45
0.40
c
0.10
0.20
0.15
D
2.80
3.00
2.90
e
-
-
0.95
e1
1.80
2.00
1.90
E
2.30
2.50
2.40
E1
1.50
1.70
1.60
L
0.48
0.68
0.58
L1
0.30
0.50
0.40
R
0.05
0.15
0.10
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
N
A
M
J
L
D
F
B C
H
K
G
K1
b (X3)
E1
E
D
A
L1
c
A1
R
L
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com