Electronic Components Datasheet Search
  English  ▼

X  

AP02002 Datasheet(PDF) 34 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button AP02002_1 Datasheet HTML 28Page - Diodes Incorporated AP02002_1 Datasheet HTML 29Page - Diodes Incorporated AP02002_1 Datasheet HTML 30Page - Diodes Incorporated AP02002_1 Datasheet HTML 31Page - Diodes Incorporated AP02002_1 Datasheet HTML 32Page - Diodes Incorporated AP02002_1 Datasheet HTML 33Page - Diodes Incorporated AP02002_1 Datasheet HTML 34Page - Diodes Incorporated AP02002_1 Datasheet HTML 35Page - Diodes Incorporated AP02002_1 Datasheet HTML 36Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AP02002 Rev. 50
34 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TO220-3
TO220-3
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.70
10.70
e
2.79
2.99
e1
4.83
5.33
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm
TO220-5
TO220-5
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.78
10.54
e
1.6
1.8
e1
6.6
7.0
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm
TO220-5(R)
TO220-5(R)
Dim
Min
Typ
Max
A
4.37
4.57
4.77
A1
1.12
1.27
1.40
A2
2.45
2.65
2.85
A3
4.10
4.40
4.70
A4
7.95
8.25
8.55
b
0.64
0.79
0.94
c
0.35
0.38
0.55
D
14.80 15.00 15.20
D1
8.50
8.70
8.90
e
-
1.70
-
E
9.96 10.16 10.36
H1
6.10
6.30
6.50
H2
21.32 22.12 22.92
H3
24.15 24.95 25.75
L
-
6.30
-
L1
13.10 13.50 13.90
P
3.64
3.84
4.04
Q
2.55
2.75
2.95
All Dimensions in mm
A
F
C
D
E
b
e1
b1
D1
Q
L1
J1
e
ØP
A
F
C
D
E
b
e1
b1
ØP
D1
Q
L1
J1
e
A
c
D
E
b
H1
Q
e
A3
L
A2
D1
A4
A1
L1
H2
H3
ØP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com