Electronic Components Datasheet Search
  English  ▼

X  

AP02002 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP02002_1 Datasheet HTML 18Page - Diodes Incorporated AP02002_1 Datasheet HTML 19Page - Diodes Incorporated AP02002_1 Datasheet HTML 20Page - Diodes Incorporated AP02002_1 Datasheet HTML 21Page - Diodes Incorporated AP02002_1 Datasheet HTML 22Page - Diodes Incorporated AP02002_1 Datasheet HTML 23Page - Diodes Incorporated AP02002_1 Datasheet HTML 24Page - Diodes Incorporated AP02002_1 Datasheet HTML 25Page - Diodes Incorporated AP02002_1 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AP02002 Rev. 50
22 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOT953
SOT953
Dim
Min
Max
Typ
A
0.40
0.50
0.45
A1
0
0.05
-
b
0.10
0.20
0.15
c
0.12
0.18
0.15
D
0.95
1.05
1.00
E
0.95
1.05
1.00
E1
0.75
0.85
0.80
e
-
-
0.35
e1
-
-
0.70
L
0.05
0.15
0.10
All Dimensions in mm
SOT963
SOT963
Dim
Min
Max
Typ
A
0.40
0.50
0.45
A1
0
0.05
-
c
0.120
0.180 0.150
D
0.95
1.05
1.00
E
0.95
1.05
1.00
E1
0.75
0.85
0.80
L
0.05
0.15
0.10
b
0.10
0.20
0.15
e
0.35 Typ
e1
0.70 Typ
All Dimensions in mm
SOT89
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.43
D
4.40
4.60
D1
1.52
1.83
E
2.29
2.60
e
1.50 Typ
e1
3.00 Typ
H
3.94
4.25
L
0.89
1.20
All Dimensions in mm
L
c
E
D
e1
e
E1
b (5 places)
A
A1
L
c
E
D
e1
e
E1
b (6 places)
A
A1
e
D
H
L
A
C
E
8° (4
X)
B1
B
D1
R
0.
20
0
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com