Electronic Components Datasheet Search
  English  ▼

X  

LTC2655 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2655
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655 Datasheet(HTML) 2 Page - Linear Technology

  LTC2655 Datasheet HTML 1Page - Linear Technology LTC2655 Datasheet HTML 2Page - Linear Technology LTC2655 Datasheet HTML 3Page - Linear Technology LTC2655 Datasheet HTML 4Page - Linear Technology LTC2655 Datasheet HTML 5Page - Linear Technology LTC2655 Datasheet HTML 6Page - Linear Technology LTC2655 Datasheet HTML 7Page - Linear Technology LTC2655 Datasheet HTML 8Page - Linear Technology LTC2655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2656
2
2656fa
ABSOLUTE MAXIMUM RATINGS (Notes 1, 2)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
REFLO
VOUTA
VOUTB
REFCOMP
VOUTC
VOUTD
REFIN/OUT
LDAC
CS/LD
SCK
GND
VCC
VOUTH
VOUTG
VOUTF
VOUTE
PORSEL
CLR
SDO
SDI
21
TJMAX = 150°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17
7
8
TOP VIEW
21
UFD PACKAGE
20-LEAD (4mm
× 5mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
VOUTB
REFCOMP
VOUTC
VOUTD
REFIN/OUT
LDAC
VOUTH
VOUTG
VOUTF
VOUTE
PORSEL
CLR
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Supply Voltage (VCC) ................................... –0.3V to 6V
CS/LD, SCK, SDI, LDAC, CLR, REFLO.......... –0.3V to 6V
VOUTA to VOUTH ................. –0.3V to Min(VCC + 0.3V, 6V)
REFIN/OUT, REFCOMP ...... –0.3V to Min(VCC + 0.3V, 6V)
PORSEL, SDO ................... –0.3V to Min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2656C ................................................ 0°C to 70°C
LTC2656I.............................................. –40°C to 85°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range.......................–65 to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package ....................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com