Electronic Components Datasheet Search
  English  ▼

X  

LTC2657 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2657
Description  Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2657 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2657 Datasheet HTML 10Page - Linear Technology LTC2657 Datasheet HTML 11Page - Linear Technology LTC2657 Datasheet HTML 12Page - Linear Technology LTC2657 Datasheet HTML 13Page - Linear Technology LTC2657 Datasheet HTML 14Page - Linear Technology LTC2657 Datasheet HTML 15Page - Linear Technology LTC2657 Datasheet HTML 16Page - Linear Technology LTC2657 Datasheet HTML 17Page - Linear Technology LTC2657 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2657
14
2657f
2657 G38
200μs/DIV
VCC
2V/DIV
VOUT
10mV/DIV
ZERO-SCALE
2657 G39
250μs/DIV
VCC
2V/DIV
VOUT
1V/DIV
LTC2657-H
FREQUENCY (Hz)
110
200
400
600
800
100
1k
10k
100k
1M
2657 G40
0
1000
1200
LTC2657-H
LTC2657-L
VCC = 5V
CODE = MID-SCALE
INTERNAL REF
CREFCOMP = CREFOUT = 0.1μF
2μV/DIV
2657 G42
1 SEC/DIV
VREFOUT = 1.25V
CREFCOMP = CREFOUT = 0.1μF
Noise Voltage Density
vs Frequency
DAC Output 0.1Hz to 10Hz
Voltage Noise
Reference Output 0.1Hz to 10Hz
Voltage Noise
DAC to DAC Crosstalk (Dynamic)
Power On Reset to Zero-Scale
Power On Reset to Mid-Scale
5μV/DIV
2657 G41
1 SEC/DIV
VCC = 5V, VFS = 2.5V
CODE = MID-SCALE
INTERNAL REF
CREFCOMP = CREFOUT = 0.1μF
TYPICAL PERFORMANCE CHARACTERISTICS LTC2657
2μs/DIV
2657 G37
VOUT
0.5mV/DIV
ONE DAC
SWITCH FS-0
2V/DIV
LTC2657-H16, VCC = 5V, 0.8nV • s TYP
CREFCOMP = CREFOUT = 0.22μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com