Electronic Components Datasheet Search
  English  ▼

X  

LTC2657 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2657
Description  Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2657 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2657 Datasheet HTML 2Page - Linear Technology LTC2657 Datasheet HTML 3Page - Linear Technology LTC2657 Datasheet HTML 4Page - Linear Technology LTC2657 Datasheet HTML 5Page - Linear Technology LTC2657 Datasheet HTML 6Page - Linear Technology LTC2657 Datasheet HTML 7Page - Linear Technology LTC2657 Datasheet HTML 8Page - Linear Technology LTC2657 Datasheet HTML 9Page - Linear Technology LTC2657 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2657
6
2657f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL(CA)
Low Level Input Voltage (CA0 and CA2) See Test Circuit 1
l
0.15VCC
V
VIH(CA)
High Level Input Voltage (CA0 and CA2) See Test Circuit 1
l 0.85VCC
V
RINH
Resistance from CAn (n = 0,1, 2)
to VCC to Set CAn = VCC
See Test Circuit 2
l
10
kΩ
RINL
Resistance from CAn (n = 0,1, 2)
to GND to Set CAn = GND
See Test Circuit 2
l
10
kΩ
RINF
Resistance from CAn (n = 0,1, 2)
to VCC or GND to Set CAn=FLOAT
See Test Circuit 2
l
2MΩ
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 13)
l 20+0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed by
Input Filter
l
050
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1μA
CIN
I/O Pin Capacitance
(Note 9)
l
10
pF
CB
Capacitance Load for Each Bus Line
l
400
pF
CCAn
External Capacitive Load on Address
Pins CA0, CA1 and CA2
l
10
pF
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2657B-L16/LTC2657-L12 (Internal Reference = 1.25V)
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified. LTC2657B-H16/LTC2657-H12 (Internal Reference = 2.048V)
SYMBOL PARAMETER
CONDITIONS
LTC2657-12
LTC2657B-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
12
16
Bits
Monotonicity
(Note 3)
l
12
16
Bits
DNL
Differential Nonlinearity
(Note 3)
l
±0.1
±0.5
±0.3
±1
LSB
INL
Integral Nonlinearity (Note 3)
VCC = 5.5V, VREF = 2.5V
l
±0.5
±1
±2
±4
LSB
Load Regulation
VCC = 5V ±10%, Internal Reference,
Mid-Scale, –15mA ≤ IOUT ≤ 15mA
l
0.04
0.125
0.6
2
LSB/mA
ZSE
Zero-Scale Error
l
13
13
mV
VOS
Offset Error
(Note 4) VREF = 2.048V
l
±1
±2
±1
±2
mV
VOS Temperature Coefficient
2
2
μV/°C
GE
Gain Error
l
±0.02
±0.1
±0.02
±0.1
%FSR
Gain Temperature Coefficient
1
1
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com