Electronic Components Datasheet Search
  English  ▼

X  

LTC2990 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2990
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990 Datasheet(HTML) 1 Page - Linear Technology

  LTC2990 Datasheet HTML 1Page - Linear Technology LTC2990 Datasheet HTML 2Page - Linear Technology LTC2990 Datasheet HTML 3Page - Linear Technology LTC2990 Datasheet HTML 4Page - Linear Technology LTC2990 Datasheet HTML 5Page - Linear Technology LTC2990 Datasheet HTML 6Page - Linear Technology LTC2990 Datasheet HTML 7Page - Linear Technology LTC2990 Datasheet HTML 8Page - Linear Technology LTC2990 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2990

2990f
Typical applicaTion
FeaTures
applicaTions
DescripTion
I2C Temperature, Voltage
and Current Monitor
The LTC®2990 is used to monitor system temperatures,
voltages and currents. Through the I2C serial interface,
the device can be configured to measure many combi-
nations of internal temperature, remote temperature,
remote voltage, remote current and internal VCC. The
internal 10ppm/°C reference minimizes the number of
supporting components and area required. Selectable
address and configurable functionality give the LTC2990
flexibility to be incorporated in various systems needing
temperature, voltage or current data. The LTC2990 fits
well in systems needing sub-millivolt voltage resolution,
1% current measurement and 1°C temperature accuracy
or any combination of the three.
Temperature Total Unadjusted Error
n
Temperature Measurement
n
Supply Voltage Monitoring
n
Current Measurement
n
Remote Data Acquisition
n
Environmental Monitoring
n
Measures Voltage, Current and Temperature
n
Measures Two Remote Diode Temperatures
n
±1°C Accuracy, 0.06°C Resolution
n
±2°C Internal Temperature Sensor
n
14-Bit ADC Measures Voltage/Current
n
3V to 5.5V Supply Operating Voltage
n
Four Selectable Addresses
n
Internal 10ppm/°C Voltage Reference
n
10-Lead MSOP Package
VCC
V1
LTC2990
TINTERNAL
RSENSE
2.5V
5V
GND
SDA
SCL
ADR0
ADR1
MEASURES: TWO SUPPLY VOLTAGES,
SUPPLY CURRENT, INTERNAL AND
REMOTE TEMPERATURES
V3
V4
V2
ILOAD
TREMOTE
2990 TA01a
Voltage, Current, Temperature Monitor
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
TAMB (°C)
–50
25
2990 TA01b
1.0
0
–25
0
50
–0.5
–1.0
0.5
75
100 125
TREMOTE


Similar Part No. - LTC2990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2990 AD-LTC2990 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
More results

Similar Description - LTC2990

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
LTC2990 I2C Temperature Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
High Voltage I2C Current and Voltage Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
Octal I2C Voltage, Current, and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com