Electronic Components Datasheet Search
  English  ▼

X  

LTC2990 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2990
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2990 Datasheet HTML 14Page - Linear Technology LTC2990 Datasheet HTML 15Page - Linear Technology LTC2990 Datasheet HTML 16Page - Linear Technology LTC2990 Datasheet HTML 17Page - Linear Technology LTC2990 Datasheet HTML 18Page - Linear Technology LTC2990 Datasheet HTML 19Page - Linear Technology LTC2990 Datasheet HTML 20Page - Linear Technology LTC2990 Datasheet HTML 21Page - Linear Technology LTC2990 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2990

2990f
Typical applicaTions
High Voltage/Current and Temperature Monitoring
–INS
0.1µF
VIN
5V TO 105V
0.1µF
470pF
ALL CAPACITORS ±20%
VOLTAGE, CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
VLOAD
REG 6, 7
13.2mVLSB
V2(ILOAD)
REG 8, 9
1.223mA/LSB
TREMOTE
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
MMBT3904
RIN
20
1%
ILOAD
0A TO 10A
ROUT
4.99k
1%
200k
1%
4.75k
1%
0.1µF
RSENSE
1m
1%
–INF
V+
V–
LTC6102HV
OUT
VREG
+IN
VCC
V1
LTC2990
2-WIRE
I2C
INTERFACE
5V
GND
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA02
0.1µF
470pF
MICROPROCESSOR
VCC V1
LTC2990
2-WIRE
I2C
INTERFACE
GND
SDA
SCL
ADR0
ADR1
V3
V4
V2
2990 TA03
10.0k
1%
10.0k
1%
10.0k
1%
3.3V
30.1k
1%
5V
12V
VOLTAGE, CURRENT AND TEMPERATURE CONFIGURATION:
CONTROL REGISTER: 0x58
TAMB
REG 4, 5
0.0625°C/LSB
V1 (+5)
REG 6, 7
0.61mVLSB
V2(+12)
REG 8, 9
1.22mV/LSB
TPROCESSOR
REG A, B
0.0625°C/LSB
VCC
REG E, F
2.5V + 305.18µV/LSB
0.1µF
Computer Voltage and Temperature Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com